Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC4004B Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BC4004B
Description  COB with metal frame 5x7 dots with cursor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC4004B Datasheet(HTML) 1 Page - Bolymin, Inc

  BC4004B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC4004B
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
mm
mm
mm
mm
215.0 x 60.0
160.0 x 34.0
0.6 x 0.65
3.2 x 6.25
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. EL B/L pins: A/K
7. Option: EL B/L
8. Option: +3V single power supply
9. Option: negative voltage (built-in, external)
Input Voltage
Supply Current
LCD Driving
Voltage
Vdd
Idd
Vdd-Vo
Vdd = +5V
Vdd = +5V
25 C
5.0
3.0
4.5
V
mA
V
Typical
Value
Electronic Characteristics
o
Item
Symbol Condition
Unit
EL Power
Voltage
Vel
Vel=110Vac/400Hz
V
Pin Assignment
Pin
Symbol
Function
1~8
9
10
11
12
13
Data bus line
H --> L enable signal ic1
H --> L enable signal ic2
Data/Instruction selection
H/L read/write signal
Contrast Adjustment
DB0~7
E1
E2
RS
R/W
Vo
14
15
16
+5V(+3V option)
GND
GND
Vdd
Vss
Vss
A
A
A BLO
149.4
160.0
± 0.2
197.0
± 0.3
207.0
± 0.3
215.0
± 0.5
10.0
44.775
39.5
5
16-Ø1.0
2.5
1
7 6
± 0 3
2-Pad3x2
4-Ø3.2
13.0Max
1.6


Similar Part No. - BC4004B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC4004A BOLYMIN-BC4004A Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC4004A BOLYMIN-BC4004A_17 Datasheet
595Kb / 1P
   COB with metal Frame
More results

Similar Description - BC4004B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1004A BOLYMIN-BC1004A Datasheet
144Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com