Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER50A Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER50A
Description  SMPS PRIMARY I.C.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER50A Datasheet HTML 1Page - STMicroelectronics VIPER50A Datasheet HTML 2Page - STMicroelectronics VIPER50A Datasheet HTML 3Page - STMicroelectronics VIPER50A Datasheet HTML 4Page - STMicroelectronics VIPER50A Datasheet HTML 5Page - STMicroelectronics VIPER50A Datasheet HTML 6Page - STMicroelectronics VIPER50A Datasheet HTML 7Page - STMicroelectronics VIPER50A Datasheet HTML 8Page - STMicroelectronics VIPER50A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
VIPer50/SP - VIPer50A/ASP
ABSOLUTE MAXIMUM RATING
THERMAL DATA
(*) When mounted using the minimum recommended pad size on FR-4 board.
CONNECTION DIAGRAMS (Top View)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VDS
Continuous Drain-Source Voltage (Tj=25 to 125°C)
for VIPer50/SP
for VIPer50A/ASP
-0.3 to 620
-0.3 to 700
V
V
ID
Maximum Current
Internally limited
A
VDD
Supply Voltage
0 to 15
V
VOSC
Voltage Range Input
0 to VDD
V
VCOMP
Voltage Range Input
0 to 5
V
ICOMP
Maximum Continuous Current
± 2mA
Vesd
Electrostatic Discharge (R =1.5k
Ω; C=100pF)
4000
V
ID(AR)
Avalanche Drain-Source Current, Repetitive or Not Repetitive
(TC=100°C; Pulse width limited by Tj max; δ < 1%)
for VIPer50/SP
for VIPer50A/ASP
1.5
1
A
A
Ptot
Power Dissipation at Tc=25ºC60
W
Tj
Junction Operating Temperature
Internally limited
°C
Tstg
Storage Temperature
-65 to 150
°C
Symbol
Parameter
PENTAWATT HV
PowerSO-10™ (*)
Unit
Rthj-case
Thermal Resistance Junction-case
Max
1.9
1.9
°C/W
Rthj-amb.
Thermal Resistance Ambient-case
Max
60
50
°C/W
1
PENTAWATT HV
PENTAWATT HV (022Y)
PowerSO-10™
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
VCOMP
VOSC
VDD
VDS
ICOMP
IOSC
IDD
ID
FC00020


Similar Part No. - VIPER50A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
   ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
   SMPS PRIMARY I.C.
VIPER50ASP-E STMICROELECTRONICS-VIPER50ASP-E Datasheet
348Kb / 31P
   SMPS PRIMARY I.C.
More results

Similar Description - VIPER50A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100B STMICROELECTRONICS-VIPER100B Datasheet
173Kb / 20P
   SMPS PRIMARY I.C.
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
   SMPS PRIMARY I.C.
VIPER50-E STMICROELECTRONICS-VIPER50-E Datasheet
266Kb / 29P
   SMPS PRIMARY I.C.
VIPER100A STMICROELECTRONICS-VIPER100A Datasheet
354Kb / 31P
   SMPS PRIMARY I.C.
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
   SMPS PRIMARY I.C.
VIPER20 STMICROELECTRONICS-VIPER20 Datasheet
179Kb / 25P
   SMPS PRIMARY I.C.
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
   SMPS PRIMARY I.C.
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
   SMPS PRIMARY I.C.
VIPER50B STMICROELECTRONICS-VIPER50B Datasheet
174Kb / 20P
   SMPS PRIMARY I.C.
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
   SMPS primary I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com