Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR241 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90UR241
Description  5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90UR241 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90UR241 Datasheet HTML 1Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 2Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 3Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 4Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 5Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 6Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 7Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 8Page - National Semiconductor (TI) DS90UR241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (V
DD +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (V
DD +0.3V)
LVDS Receiver Input Voltage
−0.3V to +3.9V
LVDS Driver Output Voltage
−0.3V to +3.9V
LVDS Output Short Circuit Duration
10 ms
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
+260˚C
Maximum Package Power Dissipation Capacity
Package De-rating:
1/
θ
JA ˚C/W above +25˚C
DS90UR241 − 48L TQFP
θ
JA
45.8 (4L*); 75.4 (2L*) ˚C/W
θ
JC
21.0˚C/W
DS90UR124 − 64L TQFP
θ
JA
42.8 (4L*); 67.2 (2L*)˚C/W
θ
JC
14.6˚C/W
*JEDEC
ESD Rating (HBM)
>8kV
ESD Rating (ISO10605)
R
D =2k
Ω,C
S = 330 pF
DS90UR241 meets ISO 10605
Contact Discharge (D
OUT+,DOUT−)toGND
±10 kV
Air Discharge (D
OUT+,DOUT−)toGND
±30 kV
R
D =2k
Ω,C
S = 330 pF
DS90UR124 meets ISO 10605
Contact Discharge (R
IN+,RIN−)toGND
±10 kV
Air Discharge (R
IN+,RIN−)toGND
±30 kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
DD)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+105
˚C
Clock Rate
5
43
MHz
Supply Noise
±100
mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
Tx: D
IN[0:23], TCLK,
TPWDNB, DEN, TRFB,
RAOFF, RESVRD.
Rx: RPWDNB, RRFB,
REN, PTOSEL,
BISTEN, BISTM,
SLEW, RESVRD.
2.0
V
DD
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.8
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
Tx: D
IN[0:23], TCLK,
TPWDNB, DEN, TRFB,
RAOFF, RESVRD.
Rx: RRFB, REN,
PTOSEL, BISTEN,
BISTM, SLEW,
RESVRD.
−10
±2
+10
µA
Rx: RPWDNB
−20
±5
+20
µA
V
OH
High Level Output Voltage
I
OH =−4mA
Rx: R
OUT[0:23], RCLK,
LOCK, PASS.
2.3
3.0
V
DD
V
V
OL
Low Level Output Voltage
I
OL = +2 mA, SLEW = L
I
OL = +4 mA, SLEW = H
GND
0.33
0.5
V
I
OS
Output Short Circuit Current
V
OUT = 0V
−40
−70
−110
mA
I
OZ
TRI-STATE® Output Current
RPWDNB, REN = 0V,
V
OUT =0VorVDD
Rx: R
OUT[0:23], RCLK,
LOCK, PASS.
−30
±0.4
+30
µA
www.national.com
2


Similar Part No. - DS90UR241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241 Datasheet
1Mb / 30P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR241 NSC-DS90UR241 Datasheet
162Kb / 4P
   Spread Spectrum Tolerance Support Three key parameters, frequency
logo
Texas Instruments
DS90UR241 TI1-DS90UR241 Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
DS90UR241-Q1 TI1-DS90UR241-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
National Semiconductor ...
DS90UR241IVS NSC-DS90UR241IVS Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
More results

Similar Description - DS90UR241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR124 NSC-DS90UR124_08 Datasheet
1Mb / 30P
   5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR241Q NSC-DS90UR241Q Datasheet
1Mb / 26P
   5-43 MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
Texas Instruments
DS90UR124-Q1 TI1-DS90UR124-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   5-MHz to 43-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com