Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1827S-1802EAB Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1827S-1802EAB
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827S-1802EAB Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1827S-1802EAB Datasheet HTML 4Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 5Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 6Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 7Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 8Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 9Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 10Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 11Page - Microchip Technology MCP1827S-1802EAB Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP1827/MCP1827S
DS22001B-page 8
© 2006 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Power Supply Ripple Rejection
Ratio
PSRR
60
dB
f = 100 Hz, COUT = 10 µF,
IOUT = 10 mA,
VINAC = 30 mV pk-pk,
CIN = 0 µF
Thermal Shutdown Temperature
TSD
150
°C
IOUT = 100 µA, VOUT = 1.8V,
VIN = 2.8V
Thermal Shutdown Hysteresis
ΔTSD
—10
°C
IOUT = 100 µA, VOUT = 1.8V,
VIN = 2.8V
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = 2.3V to 6.0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
+125
°C
Steady State
Maximum Junction Temperature
TJ
+150
°C
Transient
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5LD DDPAK
θJA
31.2
°C/W
4-Layer JC51 Standard Board
Thermal Resistance, 3LD DDPAK
θJA
31.4
°C/W
4-Layer JC51 Standard Board
Thermal Resistance, 5LD TO-220
θJA
29.3
°C/W
4-Layer JC51 Standard Board
Thermal Resistance, 3LD TO-220
θJA
29.4
°C/W
4-Layer JC51 Standard Board
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VOUT(MAX) + VDROPOUT(MAX) Note 1, VR=1.8V for Adjustable Output,
IOUT = 1 mA, CIN = COUT = 4.7 µF (X7R Ceramic), TA = +25°C. Boldface type applies for junction temperatures, TJ (Note 7) of -
40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage for the fixed cases. VR = 1.2V, 1.8V, etc. VR is the desired set point output
voltage for the adjustable cases. VR = VADJ * ((R1/R2)+1). Figure 4-1.
3:
TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature). VOUT-HIGH is the highest voltage measured over the
temperature range. VOUT-LOW is the lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is
tested over a load range from 1 mA to the maximum specified output current.
5:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
nominal value that was measured with an input voltage of VIN = VOUTMAX + VDROPOUT(MAX).
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air. (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained
junction temperatures above 150°C can impact device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired junction temperature. The test time is small enough such that the rise in the junction temperature over the
ambient temperature is not significant.


Similar Part No. - MCP1827S-1802EAB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1827S-1802E/AB MICROCHIP-MCP1827S-1802E/AB Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827S-1802E/AT MICROCHIP-MCP1827S-1802E/AT Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827S-1802E/EB MICROCHIP-MCP1827S-1802E/EB Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827S-1802E/ET MICROCHIP-MCP1827S-1802E/ET Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1827S-1802EAB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
   1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com