Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3063BPG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3063BPG
Description  1.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3063BPG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3063BPG Datasheet HTML 1Page - ON Semiconductor NCP3063BPG Datasheet HTML 2Page - ON Semiconductor NCP3063BPG Datasheet HTML 3Page - ON Semiconductor NCP3063BPG Datasheet HTML 4Page - ON Semiconductor NCP3063BPG Datasheet HTML 5Page - ON Semiconductor NCP3063BPG Datasheet HTML 6Page - ON Semiconductor NCP3063BPG Datasheet HTML 7Page - ON Semiconductor NCP3063BPG Datasheet HTML 8Page - ON Semiconductor NCP3063BPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 1
1
Publication Order Number:
NCP3063/D
NCP3063, NCP3063B,
NCV3063
1.5 A, Step−Up/Down/
Inverting Switching
Regulators
The NCP3063 Series is a higher frequency upgrade to the popular
MC34063A and MC33063A monolithic DC−DC converters. These
devices consist of an internal temperature compensated reference,
comparator, a controlled duty cycle oscillator with an active current
limit circuit, a driver and a high current output switch. This series was
specifically designed to be incorporated in Step−Down, Step−Up and
Voltage−Inverting applications with a minimum number of external
components.
Features
Operation to 40 V Input
Low Standby Current
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation of 150 kHz
Precision 1.5% Reference
New Features: Internal Thermal Shutdown with Hysteresis
New Features: Cycle−by−Cycle Current Limiting
Pb−Free Packages are Available
Applications
Step−Down, Step−Up and Inverting supply applications
High Power LED Lighting
Battery Chargers
Figure 1. Typical Buck Application Circuit
L
REFERENCE
D
COMPARATOR
5
R2
R
S
Q
SET dominant
+
7
COMPARATOR
CT
3
Rs
1.25 V
8
NCP3063
REGULATOR
TSD
0.2 V
+
2
6
R1
R
S
Q
4
1
12 V
CT
2.2 nF
OSCILLATOR
47
mH
Vout
3.3 V /
800 mA
+
470
mF
Cout
Vin
+
220
mF
Cin
SET dominant
0.15
W
3.9 k
W
2.4 k
W
PDIP−8
P, P1 SUFFIX
CASE 626
http://onsemi.com
MARKING
DIAGRAMS
8
DFN−8
SUFFIX
CASE 488
SOIC−8
D SUFFIX
CASE 751
1
8
NCP3063x
AWL
YYWWG
NCP3063x = Specific Device Code
x = B
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
V3063
ALYW
G
1
3063x
ALYW
G
1
NCV3063
AWL
YYWWG
1
1
1
8
1
3063y
ALYW
G


Similar Part No. - NCP3063BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063BPG ONSEMI-NCP3063BPG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3063BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com