Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBNE-15S-L2-E03 Datasheet(PDF) 6 Page - ITT Industries

Part # DBNE-15S-L2-E03
Description  Eurostyle D Subminiature Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBNE-15S-L2-E03 Datasheet(HTML) 6 Page - ITT Industries

  DBNE-15S-L2-E03 Datasheet HTML 1Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 2Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 3Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 4Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 5Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 6Page - ITT Industries DBNE-15S-L2-E03 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.ittcannon.com
Dimensions are shown in mm
Dimensions subject to change
Eurostyle D Subminiature Connectors
6
Cannon
Pattern Hole
Signal
Recommended PCB
Contact
Hole
0,60
1,00
Standard
Contact Arrangements
PC Board Hole pattern - 90
° European
Face View Pin Insert
Shell size
E
Contact arrangement
9
Contact size
20
Shell size
A
Contact arrangement
15
Contact size
20
Shell size
B
Contact arrangement
25
Contact size
20
Shell size
C
Contact arrangement
37
Contact size
20
Mounting
Recommended PCB
Type
Hole
All
3,10
Dimension X
Termination / Mounting
E - 90
° pushfit / row spacing 2,54, F - 90° pushfit / row spacing 2,84
Dimension X
Termination / Mounting
E - 90
° pushfit / row spacing 2,54, F - 90° pushfit / row spacing 2,84
Dimension X
Termination / Mounting
E - 90
° pushfit / row spacing 2,54, F - 90° pushfit / row spacing 2,84
Dimension X
Termination / Mounting
E - 90
° pushfit / row spacing 2,54, F - 90° pushfit / row spacing 2,84


Similar Part No. - DBNE-15S-L2-E03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBN-5R5D104T ETC2-DBN-5R5D104T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
DBN-5R5D105T ETC2-DBN-5R5D105T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
DBN-5R5D224T ETC2-DBN-5R5D224T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
DBN-5R5D334T ETC2-DBN-5R5D334T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
DBN-5R5D473T ETC2-DBN-5R5D473T Datasheet
58Kb / 2P
   ELECTRIC DOUBLE LAYER CAPACITORS ?쏡YNACAP?
More results

Similar Description - DBNE-15S-L2-E03

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com