Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV161T-70CI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT49BV161T-70CI
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV161T-70CI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49BV161T-70CI Datasheet HTML 5Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 6Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 7Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 8Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 9Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 10Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 11Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 12Page - ATMEL Corporation AT49BV161T-70CI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
AT49BV/LV160(T)/161(T)
1427L–FLASH–02/03
RDY/BUSY: For the AT49BV/LV161(T), an open-drain READY/BUSY output pin provides
another method of detecting the end of a program or erase operation. RDY/BUSY is actively
pulled low during the internal program and erase cycles and is released at the completion of
the cycle. The open-drain connection allows for OR-tying of several devices to the same
RDY/BUSY line. Please see “Status Bit Table” on page 12 for more details.
HARDWARE DATA PROTECTION: The Hardware Data Protection feature protects against
inadvertent programs to the AT49BV/LV16X(T) in the following ways: (a) V
CC sense: if VCC is
below 1.8V (typical), the program function is inhibited. (b) V
CC power-on delay: once VCC has
reached the V
CC sense level, the device will automatically time out 10 ms (typical) before pro-
gramming. (c) Program inhibit: holding any one of OE low, CE high or WE high inhibits
program cycles. (d) Noise filter: pulses of less than 15 ns (typical) on the WE or CE inputs will
not initiate a program cycle. (e) Program inhibit: V
PP is less than VILPP. (f) VPP power-on delay:
once V
PP has reached 1.65V, program and erase operations can occur after 100 ns.
INPUT LEVELS: While operating with a 2.65V to 3.6V power supply, the address inputs and
control inputs (OE, CE and WE) may be driven from 0 to 5.5V without adversely affecting the
operation of the device. The I/O lines can only be driven from 0 to VCC + 0.6V.
OUTPUT LEVELS: For the AT49BV/LV160(T), output high levels (VOH) are equal to VCCQ -
0.2V (not VCC). For 2.65V - 3.6V output levels, VCCQ must be tied to VCC. For 1.8V - 2.2V out-
put levels, VCCQ must be regulated to 2.0V ± 10%, while VCC must be regulated to 2.65V - 3.0V
(for minimum power).


Similar Part No. - AT49BV161T-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1614 ATMEL-AT49BV1614 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV1614 ATMEL-AT49BV1614 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1614-12CC ATMEL-AT49BV1614-12CC Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV1614-12CC ATMEL-AT49BV1614-12CC Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1614-12CI ATMEL-AT49BV1614-12CI Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV161T-70CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com