Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4201LDRGERG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201LDRGERG4
Description  155-Mbps to 4.25-Gbps LASER DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201LDRGERG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ONET4201LDRGERG4 Datasheet HTML 3Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 4Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 5Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 6Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 7Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 8Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 9Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 10Page - Texas Instruments ONET4201LDRGERG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
P0024-03
GND
VCC
MOD–
MOD+
VCC
BIAS
18
17
16
15
14
13
1
2
3
4
5
6
GND
VCC
DIN+
DIN–
VCC
GND
24 23 22 21 20 19
7
8
9
10 11
12
RGE PACKAGE
(TOP VIEW)
ONET4201LD
SLLS677 – NOVEMBER 2005
Figure 3. Pinout of the ONET4201LD in a 4-mm
× 4-mm, 24-Lead QFN Package (Top View)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
APCSET
23
Analog-in
Set photodiode reference current with resistor to GND.
BIAS
13
Analog-out
Laser diode bias current sink. Connect to laser cathode.
CAPC
20
Analog
APC loop capacitor
DIN+
3
CML-in
Noninverted data input. On-chip, 50-
Ω terminated to VCC.
DIN–
4
CML-in
Inverted data input. On-chip, 50-
Ω terminated to VCC.
DISABLE
24
LVTTL-in
Disable modulation and bias current outputs.
FLTMODE
10
CMOS-in
Fault mode selection input. If a low level is applied to this pin, any fault event is latched and the
bias and modulation currents are disabled in a fault condition. Toggling of DISABLE or VCC
resets the fault condition. If pin is set to a high level, fault events are flagged at the SDOWN
output but not latched. The bias and modulation currents are not disabled. SDOWN is reset
once the fault condition disappears.
GND
1, 6, 18, EP
Supply
Circuit ground. The exposed die pad (EP) must be grounded.
IBMAX
21
Analog-in
Set maximum laser diode current with resistor to GND.
MOD+
15
Analog-out
Laser modulation current output. Connect to laser cathode. Avoid usage of vias on board.
MOD–
16
Analog-out
Complementary laser modulation current output. Connect to VCC adjacent to anode of laser
diode. Avoid usage of vias on board.
MODSET
11
Analog-in
Set temperature-independent modulation current with resistor to GND.
MODTC
12
Analog-in
Set modulation-current temperature compensation with resistor to GND.
MONB
8
Analog-out
Bias current monitor sources 1/68 of the bias current
MONP
7
Analog-out
Photodiode current monitor sources a current identical to the photodiode current
OUTPOL
22
LVTTL-in
Alters modulation current output polarity. Open or high: normal polarity, low: inverted polarity.
OUTPOL is pulled up internally. Normal polarity: when DIN+ is high, current is sunk into MOD+.
PD
19
Analog-in
Monitor photodiode input. Connect to photodiode anode for APC. Sinks the photodiode current
to GND.
SDOWN
9
LVTTL-out
Fault detection flag
VCC
2, 5, 14, 17
Supply
3.3 V
±10% supply voltage
7
Submit Documentation Feedback


Similar Part No. - ONET4201LDRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTR TI-ONET4201PARGTR Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTRG4 TI-ONET4201PARGTRG4 Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTT TI-ONET4201PARGTT Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4201PARGTTG4 TI-ONET4201PARGTTG4 Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
More results

Similar Description - ONET4201LDRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
   155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com