Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR9601SF Datasheet(PDF) 4 Page - International Rectifier

Part # OMR9601SF
Description  Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9601SF Datasheet(HTML) 4 Page - International Rectifier

  OMR9601SF Datasheet HTML 1Page - International Rectifier OMR9601SF Datasheet HTML 2Page - International Rectifier OMR9601SF Datasheet HTML 3Page - International Rectifier OMR9601SF Datasheet HTML 4Page - International Rectifier OMR9601SF Datasheet HTML 5Page - International Rectifier OMR9601SF Datasheet HTML 6Page - International Rectifier OMR9601SF Datasheet HTML 7Page - International Rectifier OMR9601SF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.irf.com
OMR9601SF
Post-Radiation Characteristics
Fig 2. Voltage Output Vs Total Ionizing Dose
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
1
10
100
1000
Total Dose Level (krads)
Test Data (Reg. Dr.)
no load @ 50 r/s, 250C
Hybrid Regulator
Biased @ 90 r/s
250C
Hybrid Regulator
Unbiased @90 r/s
250C
Fig 3. Voltage Output Vs Total Ionizing Dose
Total Ionizing Dose (TID)


Similar Part No. - OMR9601SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR9601SFH ETC-OMR9601SFH Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
OMR9601SFK ETC-OMR9601SFK Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
OMR9601SFP ETC-OMR9601SFP Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
More results

Similar Description - OMR9601SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH330125AK IRF-IRUH330125AK_12 Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com