Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S8253-24SU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89S8253-24SU
Description  8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253-24SU Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89S8253-24SU Datasheet HTML 1Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 2Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 3Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 4Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 5Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 6Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 7Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 8Page - ATMEL Corporation AT89S8253-24SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
3286H–MICRO–9/05
AT89S8253
3.9
Port 3
Port 3 is an 8-bit bi-directional I/O port with internal pull-ups. The Port 3 output buffers can
sink/source six TTL inputs. When 1s are written to Port 3 pins, they are pulled high by the weak
internal pull-ups and can be used as inputs. As inputs, Port 3 pins that are externally being
pulled low will source current (I
IL,150 µA typical) because of the weak internal pull-ups.
Port 3 receives some control signals for Flash programming and verification.
Port 3 also serves the functions of various special features of the AT89S8253, as shown in the
following table.
Note:
1. All pins in ports 1 and 2 and almost all pins in port 3 (the exceptions are P3.2 INT0 and P3.3
INT1) have their weak internal pull-ups disabled in the Power-down mode. Port pins P3.2
(INT0) and P3.3 (INT1) are active even in Power-down mode (to be able to sense an
interrupt request to exit the Power-down mode) and as such still have their weak internal
pull-ups turned on.
3.10
RST
Reset input. A high on this pin for at least two machine cycles while the oscillator is running
resets the device.
3.11
ALE/PROG
Address Latch Enable. ALE/PROG is an output pulse for latching the low byte of the address (on
its falling edge) during accesses to external memory. This pin is also the program pulse input
(PROG) during Flash programming.
In normal operation, ALE is emitted at a constant rate of 1/6 the oscillator frequency and may be
used for external timing or clocking purposes. Note, however, that one ALE pulse is skipped dur-
ing each access to external data memory.
If desired, ALE operation can be disabled by setting bit 0 of the AUXR SFR at location 8EH. With
the bit set, ALE is active only during a MOVX or MOVC instruction. Otherwise, the pin is weakly
pulled high. Setting the ALE-disable bit has no effect if the microcontroller is in external execu-
tion mode.
3.12
PSEN
Program Store Enable. PSEN is the read strobe to external program memory (active low).
When the AT89S8253 is executing code from external program memory, PSEN is activated
twice each machine cycle, except that two PSEN activations are skipped during each access to
external data memory.
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
(1)
P3.3
INT1 (external interrupt 1)
(1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR (external data memory write strobe)
P3.7
RD (external data memory read strobe)


Similar Part No. - AT89S8253-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253-24SC ATMEL-AT89S8253-24SC Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253-24SI ATMEL-AT89S8253-24SI Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results

Similar Description - AT89S8253-24SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com