Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C2051X2 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89C2051X2
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051X2 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89C2051X2 Datasheet HTML 1Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 2Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 3Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 4Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 5Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 6Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 7Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 8Page - ATMEL Corporation AT89C2051X2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
AT89C2051x2
3285B–MICRO–10/03
Oscillator
Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier which
can be configured for use as an on-chip oscillator, as shown in Figure 1. Either a quartz
crystal or ceramic resonator may be used. To drive the device from an external clock
source, XTAL2 should be left unconnected while XTAL1 is driven as shown in Figure 2.
There are no requirements on the duty cycle of the external clock signal, since the input
to the internal clocking circuitry is through a divide-by-two flip-flop, but minimum and
maximum voltage high and low time specifications must be observed.
Figure 1. Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 2. External Clock Drive Configuration
X2 Mode Description
The clock for the entire circuit and peripherals is normally divided by 2 before being
used by the CPU core and peripherals. This allows any cyclic ratio (duty cycle) to be
accepted on XTAL1 input. In X2 mode, as this divider is bypassed, the signals on
XTAL1 must have a cyclic ratio (duty cycle) between 40% to 60%. Figure 3 shows the
clock generation block diagram.
Figure 3. Clock Generation Block Diagram
÷ 2
(XTAL1)/2
X2 Mode
F
OSC
State Machine: 6 Clock Cycles
CPU Control
F
XTAL
XTAL1


Similar Part No. - AT89C2051X2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
logo
List of Unclassifed Man...
AT89C2051 ETC2-AT89C2051 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results

Similar Description - AT89C2051X2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com