Electronic Components Datasheet Search |
|
A418316V-25U Datasheet(PDF) 5 Page - AMIC Technology |
|
A418316V-25U Datasheet(HTML) 5 Page - AMIC Technology |
5 / 25 page A418316 Series PRELIMINARY (July, 2003,Version 0.0) 3 AMIC Technology, Inc. Block Diagram Recommended Operating Conditions (Ta = 0 °C to +70°C or -40°C to +85°C) Symbol Description Min. Typ. Max. Unit Notes VCC Power Supply 4.5 5.0 5.5 V 1 VSS Input High Voltage 0.0 0.0 0.0 V 1 VIH Input High Voltage 2.4 - VCC + 1.0 V 1 VIL Input Low Voltage -0.5 - 0.8 V 1 VSS VCC CAS Clock Generator Column Address Buffers Refresh Counter & Controller Row Address Buffers RAS Clock Generator WE Clock Generator OE Clock Generator AY0 - AY8 AX0 - AX8 Sense Amplifiers Column Decoders Data I/O Buffers Memory Array 512 x 512 x 16 . . . 512 . . . . . 512 x 16 . . I/O0 to I/O15 OE WE UCAS LCAS A0 - A8 RAS |
Similar Part No. - A418316V-25U |
|
Similar Description - A418316V-25U |