Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV320D Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV320D
Description  32-megabit (2M x 16) 3-volt Only Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320D Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV320D Datasheet HTML 4Page - ATMEL Corporation AT49BV320D Datasheet HTML 5Page - ATMEL Corporation AT49BV320D Datasheet HTML 6Page - ATMEL Corporation AT49BV320D Datasheet HTML 7Page - ATMEL Corporation AT49BV320D Datasheet HTML 8Page - ATMEL Corporation AT49BV320D Datasheet HTML 9Page - ATMEL Corporation AT49BV320D Datasheet HTML 10Page - ATMEL Corporation AT49BV320D Datasheet HTML 11Page - ATMEL Corporation AT49BV320D Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
3581C–FLASH–11/05
AT49BV320D(T)
4.8.3
Sector Protection Detection
A software method is available to determine if the sector protection Softlock or Hardlock features
are enabled. When the device is in the software product identification mode, a read from the
I/O0 and I/O1 at address location 00002H within a sector will show if the sector is unlocked, soft-
locked, or hardlocked.
4.9
Erase Suspend/Erase Resume
The Erase Suspend command allows the system to interrupt a sector erase operation and then
program or read data from a different sector within the memory. After the Erase Suspend com-
mand is given, the device requires a maximum time of 15 µs to suspend the erase operation.
After the erase operation has been suspended, the system can then read data or program data
to any other sector within the device. An address is not required during the Erase Suspend com-
mand. During a sector erase suspend, another sector cannot be erased. To resume the sector
erase operation, the system must write the Erase Resume command. The Erase Resume com-
mand is a one-bus cycle command. The only valid commands while erase is suspended are
Read Status Register, Product ID Entry, CFI Query, Program, Program Resume, Erase
Resume, Sector Softlock/Hardlock, Sector Unlock.
4.10
Program Suspend/Program Resume
The Program Suspend command allows the system to interrupt a programming operation and
then read data from a different word within the memory. After the Program Suspend command is
given, the device requires a maximum of 20 µs to suspend the programming operation. After the
programming operation has been suspended, the system can then read data from any other
word within the device. An address is not required during the program suspend operation. To
resume the programming operation, the system must write the Program Resume command. The
program suspend and resume are one-bus cycle commands. The command sequence for the
erase suspend and program suspend are the same and the command sequence for the erase
resume and program resume are the same. The only other valid commands while program is
suspended are Read Status Register, Product ID Entry, CFI Query and Program Resume.
4.11
Product Identification
The product identification mode identifies the device and manufacturer as Atmel. It may be
accessed by a software operation. For details, see “Operating Modes” on page 21.
4.12
128-bit Protection Register
The AT49BV320D(T) contains a 128-bit register that can be used for security purposes in sys-
tem design. The protection register is divided into two 64-bit sectors. The two sectors are
designated as sector A and sector B. The data in sector A is non-changeable and is pro-
grammed at the factory with a unique number. The data in sector B is programmed by the user
and can be locked out such that data in the sector cannot be reprogrammed. To program sector
Table 4-3.
Sector Protection Status
I/O1
I/O0
Sector Protection Status
0
0
Sector Not Locked
0
1
Softlock Enabled
1
0
Hardlock Enabled
1
1
Both Hardlock and Softlock Enabled


Similar Part No. - AT49BV320D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320-11TI ATMEL-AT49BV320-11TI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320-11UI ATMEL-AT49BV320-11UI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320-85TI ATMEL-AT49BV320-85TI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320-85UI ATMEL-AT49BV320-85UI Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV320D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320S ATMEL-AT49BV320S Datasheet
188Kb / 6P
   32-megabit (2M x 16) Secure 3-volt Only Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com