Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A418316V Datasheet(PDF) 9 Page - AMIC Technology

Part # A418316V
Description  256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A418316V Datasheet(HTML) 9 Page - AMIC Technology

Back Button A418316V Datasheet HTML 5Page - AMIC Technology A418316V Datasheet HTML 6Page - AMIC Technology A418316V Datasheet HTML 7Page - AMIC Technology A418316V Datasheet HTML 8Page - AMIC Technology A418316V Datasheet HTML 9Page - AMIC Technology A418316V Datasheet HTML 10Page - AMIC Technology A418316V Datasheet HTML 11Page - AMIC Technology A418316V Datasheet HTML 12Page - AMIC Technology A418316V Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
A418316 Series
PRELIMINARY
(July, 2003, Version 0.0)
7
AMIC Technology, Inc.
AC Characteristics (continued) (VCC = 5.0V
± 10%, VSS = 0V, Ta = 0°C to +70°C or -40°C to +85°C)
Test Conditions:
Input timing reference level: VIH/VIL=2.4V/0.8V
Output reference level: VOH/VOL=2.0V/0.8V
Output Load: 2TTL gate + CL (50pF)
Assumed tT=2ns
-25
-35
#
Std
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Notes
18
tRCS
Read Command Setup Time
0
-
0
-
ns
19
tRCH
Read Command Hold Time
0
-
0
-
ns
9
20
tRRH
Read Command Hold Time
Reference to RAS
0
-
0
-
ns
9
21
tRAL
Column Address to RAS Lead
Time
12
-
17
-
ns
22
tCOH
Output Hold After CAS Low
3
-
3
-
ns
23
tOFF
Output Buffer Turn-Off Delay Time
-
3
-
3
ns
8, 10
24
tASC
Column Address Setup Time
0
-
0
-
ns
25
tCAH
Column Address Hold Time
5
-
6
-
ns
26
tOES
OE Low to CAS High Set Up
5
-
7
-
ns
27
tWCS
Write Command Setup Time
0
-
0
-
ns
11
28
tWCH
Write Command Hold Time
5
-
6
-
ns
11
29
tWCR
Write Command Hold Time to RAS
22
-
31
-
ns
30
tWP
Write Command Pulse Width
5
-
6
-
ns
31
tRWL
Write Command to RAS Lead
Time
7
-
10
-
ns
32
tCWL
Write Command to CAS Lead
Time
5
-
7
-
ns
33
tDS
Data-in setup Time
0
-
0
-
ns
12
34
tDH
Data-in Hold Time
5
-
6
-
ns
12
35
tDHR
Data-in Hold Time to RAS
22
-
31
-
ns


Similar Part No. - A418316V

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A4184-02 HAMAMATSU-A4184-02 Datasheet
144Kb / 1P
   Housings, Power and Signal Cables, Connector Adapters
A4184-03 HAMAMATSU-A4184-03 Datasheet
144Kb / 1P
   Housings, Power and Signal Cables, Connector Adapters
More results

Similar Description - A418316V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com