Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62420 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62420
Description  2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62420 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62420 Datasheet HTML 4Page - Texas Instruments TPS62420 Datasheet HTML 5Page - Texas Instruments TPS62420 Datasheet HTML 6Page - Texas Instruments TPS62420 Datasheet HTML 7Page - Texas Instruments TPS62420 Datasheet HTML 8Page - Texas Instruments TPS62420 Datasheet HTML 9Page - Texas Instruments TPS62420 Datasheet HTML 10Page - Texas Instruments TPS62420 Datasheet HTML 11Page - Texas Instruments TPS62420 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=2.7V
IN
V
=3.6V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=5V
IN
V
=1.1V
OUT1
I
-mA
OUT
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-mA
OUT
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=1.575V
OUT1
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-mA
OUT
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=1.8V
OUT2
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
-mA
OUT
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=3.6V
IN
V
=5V
IN
V
=3.3V
OUT2
V
=3.6V
IN
V
=5V
IN
TPS62420
SLVS676B – JUNE 2006 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
FIGURE NO.
Dynamic Voltage Positioning
26
Soft Start
27
EasyScale Protocol Overview
28
EasyScale Protocol Without Acknowledge
29
EasyScale Protocol Including Acknowledge
30
EasyScale – Bit Coding
31
MODE/DATA PIN: Mode Selection
32
MODE/DATA Pin: Power Save Mode / Interface Communication
33
Typical Application Circuit 1.5V / 2.85V Adjustable Outputs
34, 35
Layout Diagram
36
PCB Layout
37
EFFICIENCY VOUT1 = 1.1V
EFFICIENCY VOUT1 = 1.575V
Figure 1.
Figure 2.
EFFICIENCY VOUT2 = 1.8V
EFFICIENCY VOUT2 = 3.3V
Figure 3.
Figure 4.
8
Submit Documentation Feedback


Similar Part No. - TPS62420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420 TI-TPS62420 Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
TPS62420 TI1-TPS62420 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62420DRC TI-TPS62420DRC Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
TPS62420QDRCRQ1 TI1-TPS62420QDRCRQ1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results

Similar Description - TPS62420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com