Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC32IRHBT Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320DAC32IRHBT
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320DAC32IRHBT Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TLV320DAC32IRHBT Datasheet HTML 2Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 3Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 4Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 5Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 6Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 7Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 8Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 9Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
www.ti.com
TLV320DAC32
SLAS506A – NOVEMBER 2006 – REVISED NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, Fs = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum
programmable output
9
dB
level control gain
Programmable output
level control gain step
1
dB
size
RL = 32 Ω, 0.1% THD
25
PO
Maximum output power
mW
RL = 16 Ω, 0.1% THD
50
SNR
Signal-to-noise ratio(2)
85
94
dB
–79
–60
Total harmonic
1-kHz Output, PO = 26 mW, RL = 16 Ω
dB%
distortion
0.011
Channel separation
1 kHz, 0-dB Input
85
dB
Power supply rejection
1 KHz, 100 mVpp on AVDD_DAC, DRVDD1/2
52
dB
ratio
Mute attenuation
1-kHz Output
107
dB
DIFFERENTIAL STEREO HEADPHONE DRIVER
0-dB Gain to high power outputs. Output
0-dB full-scale output
common-mode voltage setting = 1.65 V,
1.27
V
voltage
Differential output configuration(3)
SNR
Signal-to-noise ratio(4)
95
dB
DIFFERENTIAL SPEAKER DRIVER
DRVDD = 3.6 V, HPLCOM = 1.8 V,
PO
Maximum output power
0.5
W
HPLCOM/HPRCOM Gain = 5, RL = 8 Ω
0-dB Full-scale output
0-dB Gain for HPLCOM/HPRCOM,
1.15
Vrms
voltage
Output common-mode voltage setting = 1.65 V, RL = 8 Ω
Total harmonic
Fs = 48 kHz, 0-dB Full-scale signal,
–71
dB
distortion
0-dB Gain at HPLCOM/HPRCOM, RL = 8 Ω
DIGITAL I/O
0.3 ×
VIL
Input low level
IIL = +5 µA
–0.3
V
IOVDD
0.7 ×
IIH = +5 µA, IOVDD > 1.6 V
IOVDD
VIH
Input high level(5)
V
IIH = +5 µA, IOVDD < 1.6 V
IOVDD
0.1 ×
VOL
Output low level
IIH = 2 TTL loads
V
IOVDD
0.8 ×
VOH
Output high level
IOH = 2 TTL loads
V
IOVDD
SUPPLY CURRENT
AVDD_DAC+DRVDD
3.99
Current
DVDD
0.025
mA
LINEL/R only routed to single-ended
stereo headphones, DAC = off, Analog
IOVDD
0.001
Headphone
Mixer = on, PLL = off, LDO = off,
amplifier
AVDD_DAC+DRVDD
13.17
analog mixer enabled, no signal
applied
Power
DVDD
0.045
mW
IOVDD
0.003
(2)
Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured , A-weighted over a 20-Hz to
20-kHz bandwidth.
(3)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
differential load.
(4)
Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured , A-weighted over a 20-Hz to
20-kHz bandwidth.
(5)
When IOVDD < 1.6 V, minimum VIH is 1.1 V.
6
Submit Documentation Feedback


Similar Part No. - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC32IRHBT TI1-TLV320DAC32IRHBT Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32IRHBTG4 TI1-TLV320DAC32IRHBTG4 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32 TI1-TLV320DAC32_16 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com