Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C222J11S1WCQA Datasheet(PDF) 3 Page - ITT Industries

Part # C222J11S1WCQA
Description  Power Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

C222J11S1WCQA Datasheet(HTML) 3 Page - ITT Industries

  C222J11S1WCQA Datasheet HTML 1Page - ITT Industries C222J11S1WCQA Datasheet HTML 2Page - ITT Industries C222J11S1WCQA Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H-105
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K C Series
Power Rocker Switches
TERMINATIONS
ACTUATOR MARKINGS
CONTACT MATERIAL
2
1
3
or
1B
1
1A
05
QUICK CONNECT
WC
WIRE WRAP
NONE NO MARKING
D ON-OFF
P O –
‘D, H, K & P’ marking options: marking color white, standard for all actuator colors except white.
Black, standard for white actuators. Consult Customer Service Center for other available markings and colors.
NOTE: Orientation of actuator
markings and terminals.
Available with ‘QA’ contact material only,
(
only) SP models only.
Black wire standard, other colors and
lengths available, consult Customer
Service Center. UL style 1015.
1 STATIONARY CONTACT & TERMINALS:
All models with ‘QA’ rating: Copper, silver plated.
All models with ‘QF’ rating: Copper, silver top lay.
2 MOVABLE CONTACTS: Copper, silver plated.
NOTE: ‘QF’ rating available with ‘05’ terminations only.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
All models
.
Only models with ‘QF’ rating meet international dimensional
and electrical requirements
.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC (UL/CSA/VDE).
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1,2
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
QA
QF
15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC (UL/CSA).
YES
YES
YES
YES


Similar Part No. - C222J11S1WCQA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C222 KEMET-C222 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C222 KEMET-C222 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
C2220C101JARAC KEMET-C2220C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2220C101KARAC KEMET-C2220C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2220C101MARAC KEMET-C2220C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
More results

Similar Description - C222J11S1WCQA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com