Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AJ3OX4Y8NANVO1C2S2J3 Datasheet(PDF) 1 Page - ITT Industries

Part # AJ3OX4Y8NANVO1C2S2J3
Description  AJ3 Joystick for Heavy Duty Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

AJ3OX4Y8NANVO1C2S2J3 Datasheet(HTML) 1 Page - ITT Industries

  AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 1Page - ITT Industries AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 2Page - ITT Industries AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 3Page - ITT Industries AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 4Page - ITT Industries AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 5Page - ITT Industries AJ3OX4Y8NANVO1C2S2J3 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
E-6
AJ3 Joystick for Heavy Duty
Applications
The AJ3 Joystick provides the reliability
required in demanding environmental
conditions such as heavy duty industrial
applications.
The high mechanical strength of the
shaft and the unique sensing design
make the joystick ideal for rigorous use
in rugged, harsh environments.
The AJ3 Joystick is designed to accom-
modate standard and custom-designed
grips.
Standard Features
Contactless sensing
Life greater than 5 million cycles
2 sensors per axis
Integrated temperature compensation
Optional Features
Output characteristics
PWM frequency
Operating force
Lever deflection angle
Gate pattern
Over travel function
Grip
Electrical Data
Supply Ratings
Voltage range
8V to 30V
Maximum Current
180 mA at 24V dc
Maximum output voltage Vsupply - 2.5V dc
Voltage Output
VO1
0V to Vsupply - 2.5 V dc
(Maximum output
VO2
0-5V dc
current 5 mA)
VO3
0-10V (Ubat min 12.5V) dc
VO4
3-9V (Ubat min 12.5V) dc
VO8
0.5-4.5V dc
Current Output
CO1
4-20 mA
PWM Output
PW1
122 Hz
CAN Bus Output
CA1
CAN 2.0A
CA2
CAN 2.0B
Output Center
C2
Voltage (Vsupply)
Position
Other Electrical
EMI
100 V/m
Characteristics
RFI
supplied upon request
interface
Pig tail 600 mm without connector
Mechanical data
Life
> 5 million cycles
Operating temperature
-40°C to + 85°C
Operating force
4 N
(measured 140 mm
8 N
from pivot point)
12 N
16 N
Horizontal load maximum
100 Nm
Vertical load maximum
1000 N
Max. Torque (Z-axis)
20 Nm
Protection level
IP 65 above gate
Gate options
Square, cross, single axis
Lever Deflection X/Y
± 20°
Center position
±2°
Weight
450 g
Housing Boot
Aluminum EPDM


Similar Part No. - AJ3OX4Y8NANVO1C2S2J3

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AJ3 SENSATA-AJ3 Datasheet
330Kb / 4P
   JOYSTICK
logo
Knowles Electronics
AJ30 KNOWLES-AJ30 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
AJ32C1 ETC2-AJ32C1 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AJ32C1 CALIBER-AJ32C1 Datasheet
51Kb / 1P
   HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AJ32C3 ETC2-AJ32C3 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
More results

Similar Description - AJ3OX4Y8NANVO1C2S2J3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com