Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88153PNF-G-110-JN-EFE1 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB88153PNF-G-110-JN-EFE1
Description  Spread Spectrum Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88153PNF-G-110-JN-EFE1 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB88153PNF-G-110-JN-EFE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB88153PNF-G-110-JN-EFE1 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MB88153
9
■ RECOMMENDED OPERATING CONDITIONS
(VSS
= 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
VDD
3.0
3.3
3.6
V
“H” level input voltage
VIH
CKIN, ENS,
FREQ0, FREQ1,
XPD
VDD
× 0.80
VDD
+ 0.3
V
“L” level input voltage
VIL
CKIN, ENS,
FREQ0, FREQ1,
XPD
VSS
VDD
× 0.20
V
Input clock duty cycle
tDCI
CKIN
16.6 MHz to
134 MHz
40
50
60
%
Operating temperature
Ta
⎯⎯
− 40
+ 85
°C
CKIN
ta
tb
1.5 V
Input clock duty cycle (tDCI
= tb/ta)


Similar Part No. - MB88153PNF-G-110-JN-EFE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88153A FUJITSU-MB88153A Datasheet
281Kb / 21P
   Spread Spectrum Clock Generator
MB88153A FUJITSU-MB88153A Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
MB88153A FUJITSU-MB88153A Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
MB88153A-100 FUJITSU-MB88153A-100 Datasheet
281Kb / 21P
   Spread Spectrum Clock Generator
MB88153A-100 FUJITSU-MB88153A-100 Datasheet
236Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88153PNF-G-110-JN-EFE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com