Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5232-3.3YD5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5232-3.3YD5
Description  10mA Ultra-Low Quiescent Current uCap LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232-3.3YD5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5232-3.3YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5232-3.3YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5232
November 2006
4
M9999-112006-B
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN)................................0V to 8V
Enable Input Voltage (VEN)...............................0V to 8V
Power Dissipation (PD) .................... Internally Limited
(3)
Junction Temperature (TJ).................. –40°C to +125°C
Storage Temperature (TS).................. –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ................. 260°C
ESD Rating
(4)......................................................... ±2kV
Operating Ratings
(2)
Supply voltage (VIN) ...................................... 2.7V to 7V
Enable Input voltage (VEN)...............................0V to VIN
Thermal Resistance
TSOT-23-5 (θJA)......................................... 235°C/W
MLF-6 (θJA) .................................................. 90°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1.0V, COUT = 0.47µF, IOUT = 100µA, TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; -40C to +125C
-3.0
+3.0
%
Output Voltage Temp.
Coefficient
40
ppm/C
Line Regulation
VIN = VOUT +1V to7V;
0.02
0.25
%/V
Load Regulation
IOUT = 10µA to 10mA
0.2
1.0
1.5
%
%
Dropout Voltage
(6)
IOUT = 100µA
IOUT = 10mA
60
100
300
mV
mV
Ground Pin Current
IOUT = 10µA
1.8
3
µA
Ground Pin Current in
Shutdown
VEN < 0.18V
0.1
1.5
µA
Current Limit
VOUT = 0V
70
120
mA
Reverse Current (VOUT > VIN)
VOUT = VIN + 1V
0.02
1
µA
Ripple Rejection
f = 10Hz
f = 1kHz
55
35
dB
dB
Output Voltage Noise
COUT =0.47µF; 10Hz to 100kHz
400
µVrms
Enable Input
Logic Low (Regulator Shutdown)
0.18
V
Enable Input Voltage
Logic High (Regulator Enabled)
1.4
V
VIL < 0.18V (Regulator Shutdown)
1
nA
Enable Input Current
VIH > 1.4V (Regulator Enabled)
1
nA
Turn-on Time
COUT = 0.47µF
(7)
0.75
1.5
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature.
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.7V, dropout voltage is the input-to-output differential with the minimum input voltage 2.7V.
7. Turn-on time is measured from 10% of the positive edge of the enable signal to 90% of the rising edge of the output voltage of the regulator.


Similar Part No. - MIC5232-3.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-3.3YD5 MICREL-MIC5232-3.3YD5 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232-3.3YD5 MICREL-MIC5232-3.3YD5 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
More results

Similar Description - MIC5232-3.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com