Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF436ST Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MF436ST
Description  1300 nm - 50 MHz High Performance LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MF436ST Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MF436ST Datasheet HTML 1Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 2Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 3Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 4Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 5Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 6Page - Zarlink Semiconductor Inc MF436ST Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MF436
Data Sheet
2
Zarlink Semiconductor Inc.
Note 1: Measured at the exit of 100 meters of fiber.
Optical and Electrical Characteristics - Case Temperature 25
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Fiber-Coupled Power
(Figures 3, 4 and 5) (Table 1)
Pfiber
20
27
µWIF=80mA, Note 1
Fiber: 50/125
µm
NA=0.20
70
80
µWIF=80mA, Note 1
Fiber: 62.5/125
µm
NA=0.275
Rise and Fall Time (10-90%)
tr,tf
710
ns
IF=80mA (no bias)
Bandwidth (3 dBel)fc
50
MHz
IF=80mA
Peak Wavelength
λp
1270
1300
1350
nm
IF=80mA
Spectral Width (FWHM)
∆λ
145
165
nm
IF=80mA
Forward Voltage (Figure 5)
VF
1.5
2
V
IF=80mA
Reverse Current
IR
100
µAVR=1V
Capacitance
C
200
pF
VR-0V, f=1MHz
Absolute Maximum Ratings
Parameter
Symbol
Limit
Storage Temperature
Tstg
-55 to +125°C
Operating Temperature
Top
-40 to +85°C
Electrical Power Dissipation (Figure 4)
Ptot
160 mW
Continuous Forward Current (f<10 kHz)
IF
90 mA
Peak Forward Current (duty cycle<50%,f>1 MHz
IFRM
130 mA
Reverse Voltage
VR
0.5 V
Soldering Temperature (2mm from the case for 10 sec.)
Tsld
260°C
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance - Infinite Heat Sink
Rthjc
150
°C/W
Thermal Resistance - No Heat Sink
Rthja
450
°C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.6
%/°C
Temperature Coefficient - Wavelength
d
λ/dTj
0.45
nm/°C
Temperature Coefficient - Spectral Width
d
λ/dTj
0.25
nm/°C


Similar Part No. - MF436ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
MF430ST STMICROELECTRONICS-MF430ST Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
logo
Mitel Networks Corporat...
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
MF431ST MITEL-MF431ST Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
   Datacom, Telecom, General Purpose PIN Photodiodes
More results

Similar Description - MF436ST

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF228 ZARLINK-MF228 Datasheet
218Kb / 6P
   850 nm, 50 MHz High Performance LED
MF194 ZARLINK-MF194 Datasheet
251Kb / 8P
   860 nm - 70 MHz High Performance LED
MF272 ZARLINK-MF272 Datasheet
218Kb / 6P
   810 nm - 70 MHz High Performance LED
ZL60009 ZARLINK-ZL60009 Datasheet
176Kb / 7P
   PIN/Preamp 1300 nm-1550 nm
logo
Infineon Technologies A...
V23809-F7-C10 INFINEON-V23809-F7-C10 Datasheet
128Kb / 5P
   Multimode 1300 nm LED Fibre Channel 266 MBd Transceiver
JULY 1999
logo
Agere Systems
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
   NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
Mini-Circuits
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
   Ceramic High Pass Filter 1300 to 3500 MHz
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
   Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
Yantel Corporation
QF1200Q06B2 YANTEL-QF1200Q06B2 Datasheet
1Mb / 7P
   Quadrifilar Directional Coupler 1165 MHz-1300 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com