Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF436 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MF436
Description  1300 nm - 50 MHz High Performance LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MF436 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

  MF436 Datasheet HTML 1Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 2Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 3Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 4Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 5Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 6Page - Zarlink Semiconductor Inc MF436 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively “Zarlink”) is believed to be reliable.
However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such
information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or
use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual
property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in
certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink.
This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part
of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other
information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the
capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute
any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user’s responsibility to fully determine the performance and
suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does
not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in
significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink’s conditions of sale which are available on request.
Purchase of Zarlink’s I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system
conforms to the I2C Standard Specification as defined by Philips.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE
For more information about all Zarlink products
visit our Web Site at


Similar Part No. - MF436

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
MF430ST STMICROELECTRONICS-MF430ST Datasheet
133Kb / 4P
   Datacom, Telecom, General Purpose LED
logo
Mitel Networks Corporat...
MF431 MITEL-MF431 Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
MF431ST MITEL-MF431ST Datasheet
137Kb / 5P
   Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
   Datacom, Telecom, General Purpose PIN Photodiodes
More results

Similar Description - MF436

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF228 ZARLINK-MF228 Datasheet
218Kb / 6P
   850 nm, 50 MHz High Performance LED
MF194 ZARLINK-MF194 Datasheet
251Kb / 8P
   860 nm - 70 MHz High Performance LED
MF272 ZARLINK-MF272 Datasheet
218Kb / 6P
   810 nm - 70 MHz High Performance LED
ZL60009 ZARLINK-ZL60009 Datasheet
176Kb / 7P
   PIN/Preamp 1300 nm-1550 nm
logo
Infineon Technologies A...
V23809-F7-C10 INFINEON-V23809-F7-C10 Datasheet
128Kb / 5P
   Multimode 1300 nm LED Fibre Channel 266 MBd Transceiver
JULY 1999
logo
Agere Systems
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
   NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
Mini-Circuits
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
   Ceramic High Pass Filter 1300 to 3500 MHz
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
   Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
Yantel Corporation
QF1200Q06B2 YANTEL-QF1200Q06B2 Datasheet
1Mb / 7P
   Quadrifilar Directional Coupler 1165 MHz-1300 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com