Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMI15-1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KMI15-1
Description  Integrated rotational speed sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15-1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KMI15-1 Datasheet HTML 3Page - NXP Semiconductors KMI15-1 Datasheet HTML 4Page - NXP Semiconductors KMI15-1 Datasheet HTML 5Page - NXP Semiconductors KMI15-1 Datasheet HTML 6Page - NXP Semiconductors KMI15-1 Datasheet HTML 7Page - NXP Semiconductors KMI15-1 Datasheet HTML 8Page - NXP Semiconductors KMI15-1 Datasheet HTML 9Page - NXP Semiconductors KMI15-1 Datasheet HTML 10Page - NXP Semiconductors KMI15-1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Dec 05
7
Philips Semiconductors
Preliminary specification
Integrated rotational speed sensor
KMI15/1
Mounting conditions
The recommended sensor position in front of a gear wheel
is shown in Fig.15. The distance ‘d’ is measured between
the sensor front and the tip of a gear wheel tooth.
The KMI15/1 senses ferrous indicators like gear wheels in
the
± y direction only (no rotational symmetry of the
sensor); see Fig.2. The effect of incorrect mounting
positions on sensing distance is shown in Figs 11, 12 and
13. The symmetrical reference axis of the sensor
corresponds to the axis of the ferrite magnet.
Environmental conditions
Due to eddy current effects the sensing distance depends
on the tooth frequency (Fig.17). The influence of gear
wheel module on the sensing distance is shown in Fig.16.
Gear Wheel Dimensions
Note
1. For conversion from ASA to DIN: m = 25.4 mm/DP;
p = 25.4 mm
× CP.
SYMBOL
DESCRIPTION
UNIT
German DIN
z
number of teeth
d
diameter
mm
m
module m = d/z
mm
p
pitch p =
π× mmm
ASA; note1
PD
pitch diameter (d in inch)
inch
DP
diametric pitch DP = z/PD
inch−1
CP
circular pitch CP =
π/DP
inch
Fig.10 Gear wheel dimensions.
handbook, halfpage
pitch
pitch
diameter
MRA964
pitch = module
×π
module
pitch diameter
number of teeth
------------------------------------------
=
Fig.11 Sensing distance as a function of positional
tolerance in the y-axis.
VCC = 12 V; ft = 2 kHz; module = 2 mm; pitch diameter = 100 mm.
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MRA998
d
y (mm)
y


Similar Part No. - KMI15-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI15-4 PHILIPS-KMI15-4 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
More results

Similar Description - KMI15-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
   Integrated rotational speed sensor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
   Integrated rotational speed sensor
2000 Sep 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
   Rotational speed sensor
2000 Sep 05
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
   Rotational speed sensor
Rev. 1-1 September 2014
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
   Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
KMI23 NXP-KMI23 Datasheet
293Kb / 20P
   High performance rotational speed sensor
Rev. 1-28 April 2016
logo
MultiDimension Technolo...
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
   Temperature Detection Rotational Speed Sensor
Nov-19
logo
NXP Semiconductors
KMI25 NXP-KMI25_2 Datasheet
352Kb / 26P
   High performance rotational speed sensor
Rev. 1-29 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com