Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZY150 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZY150
Description  Silicon planar type For stabilization of power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZY150 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZY150 Datasheet HTML 1Page - Panasonic Semiconductor MAZY150 Datasheet HTML 2Page - Panasonic Semiconductor MAZY150 Datasheet HTML 3Page - Panasonic Semiconductor MAZY150 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zener Diodes
1
Publication date: March 2004
SKE00014CED
MAZYxxx Series (MA1Zxxx Series)
Silicon planar type
For stabilization of power supply
■ Features
• Large power dissipation P
D : 1 W
• Zener voltage V
Z: 4.7 V to 51 V
• Zener voltage allowable deviation: 10%
• Auto mounting possible
■ Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
500
mA
Power dissipation *
1
PD
1.0
W
Non-repetitive reverse surge
PZSM
100
W
power dissipation *
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−40 to +150
°C
■ Common Electrical Characteristics T
a
= 25°C ± 3°C *1
1: Anode
2: Cathode
NMiniP2-J1 Package
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example)
MAZY047: 4.7
2.5±0.3
2
1
1.4±0.2
0.25
+0.1
–0.05
2.15±0.3
Note) *1: PD
= 1.0 W achieved with a printed circuit board (alumina)
t
= 50 µs for the product of V
Z
≤ 6.8 V
*2: t
= 100 µs, T
j = 150°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 200 mA
1.2
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Refer to the list of the
electrical characteristics
within part numbers
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj
= 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MAZY150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZY150 PANASONIC-MAZY150 Datasheet
52Kb / 3P
   Silicon planar type
More results

Similar Description - MAZY150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ80390HL PANASONIC-MAZ80390HL Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com