Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9000AE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9000AE
Description  Ethernet Controller with General Processor Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9000AE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9000AE Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9000AE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DM9000A
Ethernet Controller with General Processor Interface
Preliminary datasheet
11
Version: DM9000A-DS-P03
Apr. 21, 2005
28,29,31
GP3,GP2,GP1
I/O
General I/O Ports
Registers GPCR and GPR can program these pins
These pins are input ports at default.
5.2 EEPROM Interface
Pin No.
Pin Name
Type
Description
19
EEDIO
I/O,PD IO Data to EEPROM
20
EECK
O,PD
Clock to EEPROM
This pin is also used as the strap pin of the polarity of the INT pin
When this pin is pulled high, the INT pin is low active; otherwise the INT pin is
high active
21
EECS
O,PD
Chip Select to EEPROM
This pin is also used as a strap pin to define the internal memory data
bus width. When it is pulled high, the memory access bus is 8-bit;
Otherwise it is 16-bit.
5.3 Clock Interface
Pin No.
Pin Name
Type
Description
43
X2
O
Crystal 25MHz Out
44
X1
I
Crystal 25MHz In
5.4 LED
Interface
Pin No.
Pin Name
Type
Description
39
LED1
O
Speed LED
Its low output indicates that the internal PHY is operated in 100M/S, or it
is floating for the 10M mode of the internal PHY.
This pin also acts as ISA bus IO16 defined in EEPROM setting in 16-bit
mode.
38
LED2
O
Link / Active LED
In LED mode 1, it is the combined LED of link and carrier sense signal of
the internal PHY
In LED mode 0, it is the LED of the carrier sense signal of the internal
PHY only
This pin also acts as ISA bus IOWAIT or WAKE defined in EEPROM
setting in 16-bit mode.
5.5 10/100 PHY/Fiber
Pin No.
Pin Name
Type
Description
46
SD
I
Fiber-optic Signal Detect
PECL signal, which indicates whether or not the fiber-optic receive pair is
receiving valid levels
48
BGGND
P
Bandgap Ground
1
BGRES
I/O
Bandgap Pin


Similar Part No. - DM9000AE

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9000AE DAVICOM-DM9000AE Datasheet
544Kb / 60P
   Ethernet Controller with General Processor Interface
DM9000AE DAVICOM-DM9000AE Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
544Kb / 60P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

Similar Description - DM9000AE

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com