Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7R323682C-FEC25 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7R323682C-FEC25
Description  1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R323682C-FEC25 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7R323682C-FEC25 Datasheet HTML 3Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 4Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 5Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 6Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 7Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 8Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 9Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 10Page - Samsung semiconductor K7R323682C-FEC25 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
- 7 -
Rev. 1.1 August 2006
K7R323682C
K7R321882C
K7R320982C
The K7R323682C,K7R321882C and K7R320982C are 37,748,736-bits QDR (Quad Data Rate) Synchronous Pipelined Burst
SRAMs. They are organized as 1,048,576 words by 36bits for K7R323682C, 2,097,152 words by 18 bits for K7R321882C and
4,194,304 words by 9bits for K7R320982C.
The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports with the
same cycle. Memory bandwidth is maximized as data can be transferred into SRAM on every rising edge of K and K, and transferred
out of SRAM on every rising edge of C and C. And totally independent read and write ports eliminate the need for high speed bus turn
around.
Address, data inputs, and all control signals are synchronized to the input clock (K or K). Normally data outputs are synchronized to
output clocks (C and C), but when C and C are tied high, the data outputs are synchronized to the input clocks (K and K). Read data
are referenced to echo clock (CQ or CQ) outputs. Read address is registered on rising edges of the input K clocks, and write address
is registered on rising edges of the input K clocks.
Common address bus is used to access address both for read and write operations. The internal burst counter is fixed to 2-bit
sequential for both read and write operations. Synchronous pipeline read and early write enable high speed operations. Simple depth
expansion is accomplished by using R and W for port selection. Byte write operation is supported with BW0 and BW1 (BW2 and BW3)
pins for x18 (x36) device and only BW pin for x9 device.
IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoring package pads attachment status with system.
The K7R323682C,K7R321882C and K7R320982C are implemented with SAMSUNG's high performance 6T CMOS technology and
is available in 165pin FBGA packages. Multiple power and ground pins minimize ground bounce.
GENERAL DESCRIPTION
Read Operations
Read cycles are initiated by activating R at the rising edge of the positive input clock K. Address is presented and stored in the read
address register synchronized with K clock. For 2-bit burst DDR operation, it will access two 36-bit or 18-bit or 9-bit data words with
each read command.
The first pipelined data is transferred out of the device triggered by C clock following next K clock rising edge. Next burst data is trig-
gered by the rising edge of following C clock rising edge. Continuous read operations are initiated with K clock rising edge. And pipe-
lined data are transferred out of device on every rising edge of both C and C clocks. In case C and C tied to high, output data are
triggered by K and K instead of C and C.
When the R is disabled after a read operation, the K7R323682C,K7R321882C and K7R320982C will first complete burst read opera-
tion before entering into deselect mode at the next K clock rising edge. Then output drivers disabled automatically to high impedance
state.
Write cycles are initiated by activating W at the rising edge of the positive input clock K. Address is presented and stored in the write
address register synchronized with following K clock. For 2-bit burst DDR operation, it will write two 36-bit or 18-bit or 9-bit data words
with each write command.
The first “early” data is transferred and registered in to the device synchronous with same K clock rising edge with W presented. Next
burst data is transferred and registered synchronous with following K clock rising edge. Continuous write operations are initiated with
K rising edge. And “early write” data is presented to the device on every rising edge of both K and K clocks.
When the W is disabled, the K7R323682C,K7R321882C and K7R320982C will enter into deselect mode. The device disregards
input data presented on the same cycle W disabled.
The K7R323682C, K7R321882C and K7R320982C support byte write operations. With activating BW0 or BW1 (BW2 or BW3) in write
cycle, only one byte of input data is presented. In K7R321882C, BW0 controls write operation to D0:D8, BW1 controls write operation
to D9:D17. And in K7R323682C BW2 controls write operation to D18:D26, BW3 controls write operation to D27:D35. And in
K7R320982C BW controls write operation to D0:D8.
Write Operations


Similar Part No. - K7R323682C-FEC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323682 SAMSUNG-K7R323682 Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7R323682M SAMSUNG-K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R323682C-FEC25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236U2C SAMSUNG-K7K3236U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com