Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM04-5137 Datasheet(PDF) 2 Page - ITT Industries

Part # CCM04-5137
Description  Miniature Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM04-5137 Datasheet(HTML) 2 Page - ITT Industries

  CCM04-5137 Datasheet HTML 1Page - ITT Industries CCM04-5137 Datasheet HTML 2Page - ITT Industries CCM04-5137 Datasheet HTML 3Page - ITT Industries CCM04-5137 Datasheet HTML 4Page - ITT Industries CCM04-5137 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
33
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
2 x 3 contacts SMT OUT - Dimensional Drawings
PCB Layout
11,8
3,81
3,81
0,75
R
0,2
5
0,8
(REF.)
14,25
1,9 +0,05
0
14,25
±0,2
XX
SEE DETAIL A
Date Code area
(Year number)
Pick and place area
ø3,3
Mated condition
XXX
Date Code area
(Day range in the year)
DETAIL A
1,5
1,5
3,81
3,81
2,165
C5
Plastic outline
Contact foot area
0,8 x 0,7
(Component side)
C1
C6
C2
C7
C3
Contact location according to
ISO 7816-2 & ENV 1375-1 & GSM11-11
Pad
A
B
CCM04 MK III
2 x 3 contacts SMT IN - Dimensional Drawings
PCB Layout
11,8
3,81
3,81
0,75
0,6
10,45
±0,2
(REF.)
10,45
1,9 +0,05
0
DETAIL A
SEE DETAIL A
Date Code area
Pick and place area
ø3,3
Mated condition
XX-XXX
1,5
1,5
3,81
3,81
0,265
Contact foot area
0,6 x 0,7
C5
(Component side)
C1
C6
C2
C7
C3
Pad
Contact location according to
ISO 7816-2 & ENV 1375-1 & GSM11-11
Plastic outline
A
B
Part Number
Total
Total
Terminal
Quantity per
Packaging
Dimension
Dimension
Height
Length
Design
Reel
Code
A
B
CCM04-5137
1,90
11,8
SMT IN
2400
R242
8,15
10,45
CCM04-5111
1,90
14,3
SMT OUT
2400
R242
12,85
15,15
CCM04-5116
2,10
11,8
SMT IN
1900
R192
8,35
10,65
CCM04-5112
2,10
14,3
SMT OUT
1900
R192
11,95
14,25
CCM04-5120
2,40
14,3
SMT OUT
1900
R192
11,95
14,25
CCM04-5106
2,50
11,8
SMT IN
1900
R192
8,85
11,15
CCM04-5121
2,65
14,3
SMT OUT
1900
R192
11,95
14,25
CCM04-5115
2,80
11,8
SMT IN
1900
R192
8,65
10,95
CCM04-5122
2,90
14,3
SMT OUT
1600
R162
11,95
14,25
CCM04-5107
3,15
11,8
SMT IN
1900
R192
8,85
11,15
6 Contacts Versions
Unless otherwise stated, tolerances are ± 0,10 mm


Similar Part No. - CCM04-5137

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM04-5137LFS CK-COMPONENTS-CCM04-5137LFS Datasheet
451Kb / 6P
   CCM04 Series
More results

Similar Description - CCM04-5137

ManufacturerPart #DatasheetDescription
logo
Lumberg
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
   Miniature circular connectors
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
   Miniature circular connectors
logo
Amphenol Corporation
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
   Miniature circular connectors
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
   Miniature circular connectors
logo
Amphenol Corporation
12-070 AMPHENOL-12-070 Datasheet
1Mb / 80P
   Miniature Cylindrical Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
   Miniature Circular Connectors
2016. 10
logo
Switchcraft, Inc.
5501MPX SWITCH-5501MPX Datasheet
92Kb / 1P
   5501 MINIATURE CONNECTORS
logo
Lumberg
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com