Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67P93181E-10.0 Datasheet(PDF) 11 Page - AMIC Technology

Part # A67P93181E-10.0
Description  512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P93181E-10.0 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A67P93181E-10.0 Datasheet HTML 7Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 8Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 9Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 10Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 11Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 12Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 13Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 14Page - AMIC Technology A67P93181E-10.0 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
A67P93181/A67P83361
PRELIMINARY
(July, 2005, Version 0.0)
11
AMIC Technology, Corp.
ICC Operating Condition and Maximum Limits
Max.
Symbol
Parameter
-7.5
-8.5
-10.0
Unit
Conditions
ICC
Power Supply Current :
Operating
TBD
TBD
TBD
mA
Device selected; All inputs
≤ VIL
or
≥ VIH; Cycle time ≥ tKC (MIN);
VCC = MAX; Output open
ISB
Standby
TBD
TBD
TBD
mA
Device deselected; VCC = MAX;
All inputs
≤ VSS+0.2 or ≥ VCC-0.2;
Cycle time
≥ tKC (MIN)
ISB
Standby
TBD
TBD
TBD
mA
Device deselected; VCC = MAX;
All inputs
≤VSS+0.2 or ≥ VCC-0.2;
All inputs static; CLK
frequency=MAX; ZZ
≥ VCC-0.2V
ISB2
Standby
TBD
TBD
TBD
mA
Device deselected; VCC = MAX;
All inputs
≤ VIL; or ≥ VIH;
All inputs static; CLK frequency=0
ISB2Z
SLEEP Mode
TBD
TBD
TBD
mA
ZZ
≥ VIH


Similar Part No. - A67P93181E-10.0

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67P93181E-10.0

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83361 AMICC-A67P83361 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L83361 AMICC-A67L83361 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181 AMICC-A67L93181_15 Datasheet
200Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com