Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF6401-90-4C-EKE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39VF6401-90-4C-EKE
Description  16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF6401-90-4C-EKE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39VF6401-90-4C-EKE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF6401-90-4C-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Specifications
©2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401
SST39VF1602 / SST39VF3202 / SST39VF6402
FEATURES:
Organized as 1M x16: SST39VF1601/1602
2M x16: SST39VF3201/3202
4M x16: SST39VF6401/6402
Single Voltage Read and Write Operations
– 2.7-3.6V
Superior Reliability
– Endurance: 100,000 Cycles (Typical)
– Greater than 100 years Data Retention
Low Power Consumption (typical values at 5 MHz)
– Active Current: 9 mA (typical)
– Standby Current: 3 µA (typical)
– Auto Low Power Mode: 3 µA (typical)
Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top 32 KWord)
for SST39VF1602/3202/6402
– Bottom Block-Protection (bottom 32 KWord)
for SST39VF1601/3201/6401
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Chip-Erase Capability
Erase-Suspend/Erase-Resume Capabilities
Hardware Reset Pin (RST#)
Security-ID Feature
– SST: 128 bits; User: 128 bits
Fast Read Access Time:
– 70 ns
– 90 ns
Latched Address and Data
Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 µs (typical)
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bits
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (6mm x 8mm) for 16M and 32M
– 48-ball TFBGA (8mm x 10mm) for 64M
PRODUCT DESCRIPTION
The SST39VF160x/320x/640x devices are 1M x16, 2M
x16, and 4M x16 respectively, CMOS Multi-Purpose
Flash Plus (MPF+) manufactured with SST’s proprietary,
high performance CMOS SuperFlash technology. The
split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared
with alternate approaches. The SST39VF160x/320x/640x
write (Program or Erase) with a 2.7-3.6V power supply.
These devices conform to JEDEC standard pinouts for
x16 memories.
Featuring
high
performance
Word-Program,
the
SST39VF160x/320x/640x devices provide a typical Word-
Program time of 7 µsec. These devices use Toggle Bit or
Data# Polling to indicate the completion of Program opera-
tion. To protect against inadvertent write, they have on-chip
hardware
and
Software
Data
Protection
schemes.
Designed, manufactured, and tested for a wide spectrum of
applications, these devices are offered with a guaranteed
typical endurance of 100,000 cycles. Data retention is rated
at greater than 100 years.
The SST39VF160x/320x/640x devices are suited for appli-
cations that require convenient and economical updating of
program, configuration, or data memory. For all system
applications, they significantly improve performance and
reliability, while lowering power consumption. They inher-
ently use less energy during Erase and Program than alter-
native flash technologies. The total energy consumed is a
function of the applied voltage, current, and time of applica-
tion. Since for any given voltage range, the SuperFlash
technology uses less current to program and has a shorter
erase time, the total energy consumed during any Erase or
Program operation is less than alternative flash technolo-
gies. These devices also improve flexibility while lowering
the cost for program, data, and configuration storage appli-
cations.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose
Erase and Program times increase with accumulated
Erase/Program cycles.
SST39VF160x / 320x / 640x2.7V 16Mb / 32Mb / 64Mb (x16) MPF+ memories


Similar Part No. - SST39VF6401-90-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401-90-4C-EKE SST-SST39VF6401-90-4C-EKE Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
More results

Similar Description - SST39VF6401-90-4C-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C MICROCHIP-SST39VF3201C_V01 Datasheet
1Mb / 36P
   32-Mbit (x16) Multi-Purpose Flash Plus
REVISION C April 2020
logo
Silicon Storage Technol...
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
   32 Mbit x16 Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com