Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT4238
Description  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4238 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT4238 Datasheet HTML 1Page - Catalyst Semiconductor CAT4238 Datasheet HTML 2Page - Catalyst Semiconductor CAT4238 Datasheet HTML 3Page - Catalyst Semiconductor CAT4238 Datasheet HTML 4Page - Catalyst Semiconductor CAT4238 Datasheet HTML 5Page - Catalyst Semiconductor CAT4238 Datasheet HTML 6Page - Catalyst Semiconductor CAT4238 Datasheet HTML 7Page - Catalyst Semiconductor CAT4238 Datasheet HTML 8Page - Catalyst Semiconductor CAT4238 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT4238
Doc. No. 5019 Rev. A
4
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DEVICE OPERATION
The CAT4238 is a fixed frequency (1MHz), low noise,
inductive boost converter that provides a constant
current with excellent line and load regulation. The
device uses a high-voltage CMOS power switch
between the SW pin and ground to energize the
inductor. When the switch is turned off, the stored
energy in the inductor is released into the load via the
Schottky diode.
The on/off duty cycle of the power switch is internally
adjusted and controlled to maintain a constant
regulated voltage of 0.3V across the feedback resistor
connected to the feedback pin (FB). The value of the
resistor sets the LED current accordingly (0.3V/R1).
During the initial power-up stage, the duty cycle of the
internal power switch is limited to prevent excessive
in-rush currents and thereby provide a “soft-start”
mode of operation.
While operating from a Li-Ion battery, the device can
deliver 20mA of load current into a string of up to 10
white LEDs. For higher input voltages, the LED
current can be increased.
In the event of an “Open LED” fault condition, where
the feedback control loop becomes open, the output
voltage will continue to increase. Once this voltage
exceeds 40V, an internal protection circuit will become
active and place the device into a very low power safe
operating mode where only a small amount of power
is transferred to the output. This is achieved by
pulsing the switch once every 6μs and keeping it on
for about 1μs.
Thermal overload protection circuitry has been included
to prevent the device from operating at unsafe junction
temperatures above 150ºC. In the event of a thermal
overload condition the device will automatically
shutdown and wait till the junction temperatures cools
to 130ºC before normal operation is resumed.
Light Load Operation
Under light load condition (under 2mA) and with input
voltage above 5.0V, the CAT4238 driving 10 LEDs,
the driver starts pulse skipping. Although the LED
current remains well regulated, some lower frequency
ripple may appear.
Switching Waveform VIN = 5.0V, ILED = 1.5mA


Similar Part No. - CAT4238

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238 ONSEMI-CAT4238 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
More results

Similar Description - CAT4238

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com