Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24071RHLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24071RHLR
Description  SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24071RHLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24071RHLR Datasheet HTML 2Page - Texas Instruments BQ24071RHLR Datasheet HTML 3Page - Texas Instruments BQ24071RHLR Datasheet HTML 4Page - Texas Instruments BQ24071RHLR Datasheet HTML 5Page - Texas Instruments BQ24071RHLR Datasheet HTML 6Page - Texas Instruments BQ24071RHLR Datasheet HTML 7Page - Texas Instruments BQ24071RHLR Datasheet HTML 8Page - Texas Instruments BQ24071RHLR Datasheet HTML 9Page - Texas Instruments BQ24071RHLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
bq24070
bq24071
SLUS694B – MARCH 2006 – REVISED AUGUST 2006
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIL
Low-level input current, Mode
–1
µA
TIMERS
K(TMR)
Timer set factor
t(CHG) = K(TMR) × R(TMR)
0.313
0.360
0.414
s/
R(TMR)(9)
External resistor limits
30
100
k
t(PRECHG)
Precharge timer
0.09 × t(CHG)
0.10 × t(CHG) 0.11 × t(CHG)
s
Timer fault recovery pullup from
I(FAULT)
1
k
OUT to BAT
CHARGER SLEEP THRESHOLDS (PG THRESHOLDS, LOW
→ POWER GOOD)
VVCC
V(UVLO)≤ VI(BAT)≤ VO(BAT-REG),
V(SLPENT)(10)
Sleep-mode entry threshold
VI(BAT)
No t(BOOT-UP) delay
+125 mV
V
VVCC
V(UVLO)≤ VI(BAT)≤ VO(BAT-REG),
V(SLPEXIT)(10)
Sleep-mode exit threshold
VI(BAT)
No t(BOOT-UP) delay
+190 mV
R(TMR) = 50 kΩ,
t(DEGL)
Deglitch time for sleep mode(11)
V(IN) decreasing below threshold, 100-ns
22.5
ms
fall time, 10-mv overdrive
START-UP CONTROL BOOT-UP
On the first application of input with
t(BOOT-UP)
Boot-up time
120
150
180
ms
Mode Low
SWITCHING POWER SOURCE TIMING
When input applied. Measure from:
Switching power source from
[PG: Lo
→ Hi to I
(IN) > 5 mA],
tSW-BAT
50
µs
input to battery
I(OUT) = 100 mA,
RTRM = 50 K
THERMAL SHUTDOWN REGULATION(12)
T(SHTDWN)
Temperature trip
TJ (Q1 and Q3 only)
155
Thermal hysteresis
TJ (Q1 and Q3 only)
30
°C
TJ(REG)
Temperature regulation limit
TJ (Q2)
115
135
UVLO
V(UVLO)
Undervoltage lockout
Decreasing VCC
2.45
2.50
2.65
V
Hysteresis
27
mV
(9)
To disable the safety timer and charge termination, tie TMR to the VREF pin.
(10) The IC is considered in sleep mode when IN is absent (PG = OPEN DRAIN).
(11) Does not declare sleep mode until after the deglitch time and implement the needed power transfer immediately according to the
switching specification.
(12) Reaching thermal regulation reduces the charging current. Battery supplement current is not restricted by either thermal regulation or
shutdown. Input power FETs turn off during thermal shutdown. The battery FET is only protected by a short-circuit limit which typically
does not cause a thermal shutdown (input FETs turning off) by itself.
6
Submit Documentation Feedback


Similar Part No. - BQ24071RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24071RHLR TI1-BQ24071RHLR Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
More results

Similar Description - BQ24071RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com