Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHY54034CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRHY54034CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY54034CM Datasheet(HTML) 1 Page - International Rectifier

  IRHY54034CM Datasheet HTML 1Page - International Rectifier IRHY54034CM Datasheet HTML 2Page - International Rectifier IRHY54034CM Datasheet HTML 3Page - International Rectifier IRHY54034CM Datasheet HTML 4Page - International Rectifier IRHY54034CM Datasheet HTML 5Page - International Rectifier IRHY54034CM Datasheet HTML 6Page - International Rectifier IRHY54034CM Datasheet HTML 7Page - International Rectifier IRHY54034CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
18*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
18*
IDM
Pulsed Drain Current
À
72
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
110
mJ
IAR
Avalanche Current
À
18
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
10
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10sec)
Weight
4.3 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical
parameters.
oC
A
04/26/06
www.irf.com
1
* Current is limited by package
Features:
n Single Event Effect (SEE) Hardened
n Ultra Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
For footnotes refer to the last page
RADIATION HARDENED
JANSR2N7483T3
POWER MOSFET
60V, N-CHANNEL
THRU-HOLE (TO-257AA)
REF: MIL-PRF-19500/702
™
5
5 TECHNOLOGY
IRHY57034CM
TO-257AA
Product Summary
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHY57034CM
100K Rads (Si)
0.04
18A*
JANSR2N7483T3
IRHY53034CM
300K Rads (Si)
0.04
18A*
JANSF2N7483T3
IRHY54034CM
500K Rads (Si)
0.04
18A*
JANSG2N7483T3
IRHF58034CM 1000K Rads (Si)
0.048
Ω 18A* JANSH2N7483T3
PD - 93825D


Similar Part No. - IRHY54034CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY54130CM IRF-IRHY54130CM Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHY54230CM IRF-IRHY54230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY54Z30CM IRF-IRHY54Z30CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results

Similar Description - IRHY54034CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com