Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF128K16-60CC5A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WF128K16-60CC5A
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF128K16-60CC5A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WF128K16-60CC5A Datasheet HTML 1Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 2Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 3Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 4Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 5Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 6Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF128K16-60CC5A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
WF128K16, WF256K16-XCX5
ABSOLUTE MAXIMUM RATINGS (1)
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage
to the device. Extended operation at the maximum levels may degrade
performance and affect reliability.
2. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions,
inputs may overshoot VSS to -2.0 V for periods of up to 20ns. Maximum DC
voltage on output and I/O pins is VCC + 0.5V. During voltage transitions,
outputs may overshoot to Vcc + 2.0 V for periods of up to 20ns.
3. Minimum DC input voltage on A9 pin is -0.5V. During voltage transitions, A9 may
overshoot Vss to -2V for periods of up to 20ns. Maximum DC input voltage on A9
is +13.5V which may overshoot to 14.0 V for periods up to 20ns.
CAPACITANCE
(TA = 25
°C)
DC CHARACTERISTICS - CMOS COMPATIBLE
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-2.0 to +7.0
V
Signal voltage range (any pin except A9) (2)
-2.0 to +7.0
V
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
+300
°C
Data Retention Mil Temp
10 years
Endurance (write/erase cycles) Mil Temp
10,000 cycles min.
A9 Voltage for sector protect (VID) (3)
-2.0 to +14.0
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
Parameter
Symbol
Conditions
128K x 16
256K x 16
Unit
Min
Max
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
µA
Output Leakage Current
ILO
VCC = 5.5, VIN = GND to VCC
10
10
µA
VCC Active Current for Read (1)
ICC1
CS = VIL, OE = VIH
70
80
mA
VCC Active Current for Program
ICC2
CS = VIL, OE = VIH
100
110
mA
or Erase (2)
VCC Standby Current
ICC3
VCC = 5.5, CS = VIH, f = 5MHz
6
8
mA
Output Low Voltage
VOL
IOL = 12.0 mA, VCC = 4.5
0.45
0.45
V
Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85xVcc
0.85xVcc
V
Output High Voltage
VOH2
IOH = -100
µA, VCC = 4.5
VCC -0.4
VCC -0.4
V
Low VCC Lock Out Voltage
VLKO
3.2
3.2
V
Test
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE capacitance
CWE
VIN = 0 V, f = 1.0 MHz
50
pF
CS capacitance
CCS
VIN = 0 V, f = 1.0 MHz
30
pF
I/O0-7 capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
30
pF
Address capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
A9 Voltage for Sector Protect
VID
11.5
12.5
V


Similar Part No. - WF128K16-60CC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5 WEDC-WF128K32N-050G2LC5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5A WEDC-WF128K32N-050G2LC5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5 WEDC-WF128K32N-050G2LI5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5A WEDC-WF128K32N-050G2LI5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results

Similar Description - WF128K16-60CC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com