Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM08216H-3 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM08216H-3
Description  8 Character x 2 Lines, 2 Row Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM08216H-3 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM08216H-3 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 51
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
2.2
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
0.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
-
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
-
-
0.4
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
1.4
2.2
mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
4.3
-
4.7
V
BRIGHTNESS
L
IF=80mA
30
50
-
NIT
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Physical Data
Module Size...................................58.0W x 32.0H x 10.0T mm
Viewing Area Size..........................................38.0W x 16H mm
Weight.................................................................................18g
Block Diagram
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1
VSS
-
0V
Power supply
2
VDD
-
5V
3
VL
-
-
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H
→L
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
-
-
N.C
16
-
-
N.C
2.95
0.6
0.04
0.56
0.66
0.04
5.56
0.38
Dimension tolerance: +/-0.3mm
Dimensional Drawing
8 Character x 2 Lines, 2 Row Connector
10.0MAX
4.9
1.6
2.5
4
∅1.0
4
∅2.5
27.88
38.0
44.2
1.7
2.54
1
15
16-
∅1.0
53.0
58±0.5
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight.................................................................EL Optional
Options.TN/Gray STN/Yellow STN, 12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
HDM08216H-3
D0 - D7
E
R/W
RS
VL
VDD
VSS
COM 1 - 8
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
BACKLIGHT
SEG 40


Similar Part No. - HDM08216H-3

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08216H-3-S00S HANTRONIX-HDM08216H-3-S00S Datasheet
38Kb / 2P
   8 Character x 2 Lines, 2 Row Connector
HDM08216H-3 HANTRONIX-HDM08216H-3_15 Datasheet
32Kb / 1P
   8 Character x 2 Lines, 2 Row Connector
More results

Similar Description - HDM08216H-3

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM08216H-3-S00S HANTRONIX-HDM08216H-3-S00S Datasheet
38Kb / 2P
   8 Character x 2 Lines, 2 Row Connector
HDM08216H-2 HANTRONIX-HDM08216H-2 Datasheet
36Kb / 1P
   8 Character x 2 Lines, 2 Row Connector
HDM08216H-3 HANTRONIX-HDM08216H-3_15 Datasheet
32Kb / 1P
   8 Character x 2 Lines, 2 Row Connector
HDM08216H-1 HANTRONIX-HDM08216H-1 Datasheet
30Kb / 1P
   8 Character x 2 Lines, One Row Connector
HDM16216H-2 HANTRONIX-HDM16216H-2 Datasheet
26Kb / 1P
   16 Character x 2 Lines, 2 Row Connector
HDM16216H-2 HANTRONIX-HDM16216H-2_15 Datasheet
30Kb / 1P
   16 Character x 2 Lines, 2 Row Connector
HDM08216L-3-L30S HANTRONIX-HDM08216L-3-L30S Datasheet
42Kb / 2P
   8 Character x 2 Lines LED Backlight
HDM08216L HANTRONIX-HDM08216L Datasheet
28Kb / 1P
   8 Character x 2 Lines LED Backlight
HDM08216L-3 HANTRONIX-HDM08216L-3 Datasheet
30Kb / 1P
   8 Character x 2 Lines LED Backlight
HDM08216L-3 HANTRONIX-HDM08216L-3_15 Datasheet
37Kb / 1P
   8 Character x 2 Lines LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com