Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1350-1.60000 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-1350-1.60000
Description  Low Profile T-1 (3 mm) LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1350-1.60000 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-1350-1.60000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-1350-1.60000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Green HLMP-1550
Figure 16. Relative Luminous Intensity vs. Angular Displacement.
Figure 15. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings)
Figure 12. Forward Current vs.
Forward Voltage Characteristics.
Figure 13. Relative Luminous
Intensity vs. Forward Current.
Figure 14. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.


Similar Part No. - HLMP-1350-1.60000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1350-L0000 AVAGO-HLMP-1350-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L0001 AVAGO-HLMP-1350-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L0002 AVAGO-HLMP-1350-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L00A1 AVAGO-HLMP-1350-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1350-L00A2 AVAGO-HLMP-1350-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

Similar Description - HLMP-1350-1.60000

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD50152 CML-CMD50152 Datasheet
64Kb / 1P
   T-1 3/4 Low Profile LED Lamps
logo
Marktech Corporate
MT430-HR MARKTECH-MT430-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com