Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG403W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG403W
Description  NPN 17 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG403W Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG403W Datasheet HTML 1Page - NXP Semiconductors BFG403W Datasheet HTML 2Page - NXP Semiconductors BFG403W Datasheet HTML 3Page - NXP Semiconductors BFG403W Datasheet HTML 4Page - NXP Semiconductors BFG403W Datasheet HTML 5Page - NXP Semiconductors BFG403W Datasheet HTML 6Page - NXP Semiconductors BFG403W Datasheet HTML 7Page - NXP Semiconductors BFG403W Datasheet HTML 8Page - NXP Semiconductors BFG403W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Mar 11
3
Philips Semiconductors
Product specification
NPN 17 GHz wideband transistor
BFG403W
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the emitter pins.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
10
V
VCEO
collector-emitter voltage
open base
4.5
V
VEBO
emitter-base voltage
open collector
1V
IC
collector current (DC)
3.6
mA
Ptot
total power dissipation
Ts ≤ 140 °C; note 1; see Fig.2
16
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
820
K/W
Fig.2 Power derating curve.
handbook, halfpage
0
40
80
120
160
MGD957
20
0
10
Ts (°C)
Ptot
(mW)


Similar Part No. - BFG403W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG403W NXP-BFG403W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
logo
Quanzhou Jinmei Electro...
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
More results

Similar Description - BFG403W

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com