Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F96J60 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F96J60
Description  64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
Download  474 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F96J60 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F96J60 Datasheet HTML 5Page - Microchip Technology PIC18F96J60 Datasheet HTML 6Page - Microchip Technology PIC18F96J60 Datasheet HTML 7Page - Microchip Technology PIC18F96J60 Datasheet HTML 8Page - Microchip Technology PIC18F96J60 Datasheet HTML 9Page - Microchip Technology PIC18F96J60 Datasheet HTML 10Page - Microchip Technology PIC18F96J60 Datasheet HTML 11Page - Microchip Technology PIC18F96J60 Datasheet HTML 12Page - Microchip Technology PIC18F96J60 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 474 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39762A-page 7
PIC18F97J60 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
This family introduces a new line of low-voltage devices
with the foremost traditional advantage of all PIC18
microcontrollers – namely, high computational per-
formance and a rich feature set at an extremely
competitive price point. These features make the
PIC18F97J60 family a logical choice for many
high-performance applications where cost is a primary
consideration.
1.1
Core Features
1.1.1
nanoWatt TECHNOLOGY
All of the devices in the PIC18F97J60 family incorporate
a range of features that can significantly reduce power
consumption during operation. Key items include:
• Alternate Run Modes: By clocking the controller
from the Timer1 source or the internal RC
oscillator, power consumption during code
execution can be reduced by as much as 90%.
• Multiple Idle Modes: The controller can also run
with its CPU core disabled but the peripherals still
active. In these states, power consumption can be
reduced even further, to as little as 4% of normal
operation requirements.
• On-the-Fly Mode Switching: The
power-managed modes are invoked by user code
during operation, allowing the user to incorporate
power-saving ideas into their application’s
software design.
1.1.2
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC18F97J60 family offer five
different oscillator options, allowing users a range of
choices in developing application hardware. These
options include:
• Two Crystal modes, using crystals or ceramic
resonators.
• Two External Clock modes, offering the option of
a divide-by-4 clock output.
• A Phase Lock Loop (PLL) frequency multiplier,
available to the external oscillator modes, which
allows clock speeds of up to 41.67 MHz.
• An internal RC oscillator with a fixed 31 kHz
output which provides an extremely low-power
option for timing-insensitive applications.
The internal oscillator block provides a stable reference
source that gives the family additional features for
robust operation:
• Fail-Safe Clock Monitor: This option constantly
monitors the main clock source against a reference
signal provided by the internal oscillator. If a clock
failure occurs, the controller is switched to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
• Two-Speed Start-up: This option allows the
internal oscillator to serve as the clock source
from Power-on Reset, or wake-up from Sleep
mode, until the primary clock source is available.
1.1.3
EXPANDED MEMORY
The PIC18F97J60 family provides ample room for
application code, from 64 Kbytes to 128 Kbytes of code
space. The Flash cells for program memory are rated
to last up to 100 erase/write cycles. Data retention
without refresh is conservatively estimated to be
greater than 20 years.
The PIC18F97J60 family also provides plenty of room
for dynamic application data with 3808 bytes of data
RAM.
1.1.4
EXTERNAL MEMORY BUS
In the unlikely event that 128 Kbytes of memory are
inadequate for an application, the 100-pin members of
the PIC18F97J60 family also implement an external
memory bus. This allows the controller’s internal
program counter to address a memory space of up to
2 Mbytes, permitting a level of data access that few
8-bit devices can claim. This allows additional memory
options, including:
• Using combinations of on-chip and external
memory up to the 2-Mbyte limit
• Using external Flash memory for reprogrammable
application code or large data tables
• Using external RAM devices for storing large
amounts of variable data
1.1.5
EXTENDED INSTRUCTION SET
The PIC18F97J60 family implements the optional
extension to the PIC18 instruction set, adding eight
new instructions and an Indexed Addressing mode.
Enabled as a device configuration option, the extension
has been specifically designed to optimize re-entrant
application code originally developed in high-level
languages, such as C.
1.1.6
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
• PIC18F66J60
• PIC18F87J60
• PIC18F66J65
• PIC18F96J60
• PIC18F67J60
• PIC18F96J65
• PIC18F86J60
• PIC18F97J60
• PIC18F86J65


Similar Part No. - PIC18F96J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F96J60 MICROCHIP-PIC18F96J60 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F96J60 MICROCHIP-PIC18F96J60 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F96J60

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com