Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71P74804 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71P74804
Description  18Mb Pipelined QDR II SRAM Burst of 4
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P74804 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71P74804 Datasheet HTML 1Page - Integrated Device Technology IDT71P74804 Datasheet HTML 2Page - Integrated Device Technology IDT71P74804 Datasheet HTML 3Page - Integrated Device Technology IDT71P74804 Datasheet HTML 4Page - Integrated Device Technology IDT71P74804 Datasheet HTML 5Page - Integrated Device Technology IDT71P74804 Datasheet HTML 6Page - Integrated Device Technology IDT71P74804 Datasheet HTML 7Page - Integrated Device Technology IDT71P74804 Datasheet HTML 8Page - Integrated Device Technology IDT71P74804 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MARCH 2004
DSC-6111/00
©2003 Integrated Device Technology, Inc. “QDR SRAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress Semiconductor, IDT, and Micron Technology, Inc. “
1
18Mb Pipelined
QDR™II SRAM
Burst of 4
Advance
Information
IDT71P74204
IDT71P74104
IDT71P74804
IDT71P74604
Features
x
18Mb Density (2Mx8, 2Mx9, 1Mx18, 512kx36)
x
Separate, Independent Read and Write Data Ports
-
Supports concurrent transactions
x
Dual Echo Clock Output
x
4-Word Burst on all SRAM accesses
x
Multiplexed Address Bus One Read or One Write request
per clock cycle
x
DDR (Double Data Rate) Data Bus
-
Four word burst data per two clock cycles on
each port
-
Four word transfers per clock cycle
x
Depth expansion through Control Logic
x
HSTL (1.5V) inputs that can be scaled to receive signals
from 1.4V to 1.9V.
x
Scalable output drivers
-
Can drive HSTL, 1.8V TTL or any voltage level
from 1.4V to 1.9V.
-
Output Impedance adjustable from 35 ohms to 70
ohms
x
1.8V Core Voltage (VDD)
x
165-ball, 1.0mm pitch, 15mm x 17mm fBGA Package
x
JTAG Interface
Description
The IDT QDRIITM Burst of four SRAMs are high-speed synchronous
memories with independent, double-data-rate (DDR), read and write
data ports. This scheme allows simultaneous read and write access for
the maximum device throughput, with four data items passed with each
read or write. Four data word transfers occur per clock cycle, providing
quad-data-rate (QDR) performance. Comparing this with standard SRAM
common I/O (CIO), single data rate (SDR) devices, a four to one in-
crease in data access is achieved at equivalent clock speeds. Consider-
ing that QDRII allows clock speeds in excess of standard SRAM de-
vices, the throughput can be increased well beyond four to one in most
applications.
Using independent ports for read and write data access, simplifies
system design by eliminating the need for bi-directional buses. All buses
associated with the QDRII are unidirectional and can be optimized for
signal integrity at very high bus speeds. The QDRII has scalable output
impedance on its data output bus and echo clocks, allowing the user to
tune the bus for low noise and high performance.
The QDRII has a single SDR address bus with read addresses and
write addresses multiplexed. The read and write addresses interleave
with each occurring a maximum of every other cycle. In the event that no
operation takes place on a cycle, the subsequest cycle may begin with
either a read or write. During write operations, the writing of individual
bytes may be blocked through the use of byte or nibble write control
signals.
The QDRII has echo clocks, which provide the user with a clock
Functional Block Diagram
DATA
REG
ADD
REG
CTRL
LOGIC
CLK
GEN
(Note1)
D
(Note2)
SA
R
W
(Note3)
BWx
K
K
C
C
SELECT OUTPUT CONTROL
WRITE DRIVER
(Note2)
CQ
Q
(Note1)
18M
MEMORY
ARRAY
CQ
Notes
1) Represents 8 data signal lines for x8, 9 signal lines for x9, 18 signal lines for x18, and 36 signal lines for x36
2) Represents 19 address signal lines for x8 and x9, 18 address signal lines for x18, and 17 address signal lines for x36.
3) Represents 1 signal line for x9, 2 signal lines for x18, and four signal lines for x36. On x8 parts, the
BW is a “nibble write”
andthereare 2signal lines.
6111 drw16


Similar Part No. - IDT71P74804

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P74804

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-435 GSI-GS8182D37BD-435 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BGD-333 GSI-GS8182D19BGD-333 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375 GSI-GS8182D37BGD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D18D GSI-GS8182D18D Datasheet
772Kb / 27P
   18Mb Burst of 4 SigmaQuad-II SRAM
GS8182D37BD-400 GSI-GS8182D37BD-400 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BD-375 GSI-GS8182D37BD-375 Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D37BGD-375I GSI-GS8182D37BGD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com