Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG35 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG35
Description  NPN 4 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG35 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG35 Datasheet HTML 5Page - NXP Semiconductors BFG35 Datasheet HTML 6Page - NXP Semiconductors BFG35 Datasheet HTML 7Page - NXP Semiconductors BFG35 Datasheet HTML 8Page - NXP Semiconductors BFG35 Datasheet HTML 9Page - NXP Semiconductors BFG35 Datasheet HTML 10Page - NXP Semiconductors BFG35 Datasheet HTML 11Page - NXP Semiconductors BFG35 Datasheet HTML 12Page - NXP Semiconductors BFG35 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1999 Aug 24
9
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFG35
Fig.13 Common emitter input reflection coefficient (S11).
IC = 100 mA; VCE = 10 V; Tamb =25 °C; Zo =50 Ω.
handbook, full pagewidth
MBB380
10
25
50
100
250
10
25
50
100
250
0
+ j
– j
0
3 GHz
10
25
50
100
250
Fig.14 Common emitter forward transmission coefficient (S21).
IC = 100 mA; VCE = 10 V; Tamb =25 °C.
handbook, full pagewidth
MBB286
0 o
30o
60o
90o
120o
150o
180 o
150o
120o
90o
60o
30o
40
20
30
50
10


Similar Part No. - BFG35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG35 NXP-BFG35 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
More results

Similar Description - BFG35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
NXP Semiconductors
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
   NPN 4 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com