Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F66J65 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F66J65
Description  64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
Download  474 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F66J65 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F66J65 Datasheet HTML 1Page - Microchip Technology PIC18F66J65 Datasheet HTML 2Page - Microchip Technology PIC18F66J65 Datasheet HTML 3Page - Microchip Technology PIC18F66J65 Datasheet HTML 4Page - Microchip Technology PIC18F66J65 Datasheet HTML 5Page - Microchip Technology PIC18F66J65 Datasheet HTML 6Page - Microchip Technology PIC18F66J65 Datasheet HTML 7Page - Microchip Technology PIC18F66J65 Datasheet HTML 8Page - Microchip Technology PIC18F66J65 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 474 page
background image
PIC18F97J60 FAMILY
DS39762A-page 2
Advance Information
© 2006 Microchip Technology Inc.
Pin Diagrams
Device
Flash
Program
Memory
(bytes)
SRAM
Data
Memory
(bytes)
Ethernet
TX/RX
Buffer
(bytes)
I/O
10-Bit
A/D (ch)
CCP/
ECCP
MSSP
Timers
8/16-Bit
PSP
SPI
Master
I2C™
PIC18F66J60
64K
3808
8192
39
11
2/3
1
Y
Y
1
2
2/3
N
N
PIC18F66J65
96K
3808
8192
39
11
2/3
1
Y
Y
1
2
2/3
N
N
PIC18F67J60
128K
3808
8192
39
11
2/3
1
Y
Y
1
2
2/3
N
N
PIC18F86J60
64K
3808
8192
55
15
2/3
1
Y
Y
2
2
2/3
N
N
PIC18F86J65
96K
3808
8192
55
15
2/3
1
Y
Y
2
2
2/3
N
N
PIC18F87J60
128K
3808
8192
55
15
2/3
1
Y
Y
2
2
2/3
N
N
PIC18F96J60
64K
3808
8192
70
16
2/3
2
Y
Y
2
2
2/3
Y
Y
PIC18F96J65
96K
3808
8192
70
16
2/3
2
Y
Y
2
2
2/3
Y
Y
PIC18F97J60
128K
3808
8192
70
16
2/3
2
Y
Y
2
2
2/3
Y
Y
PIC18F66J65
1
2
3
4
5
6
7
8
9
10
11
12
13
14
38
37
36
35
34
33
50 49
17 18 19 20 21 22 23 24 25 26
MCLR
VSS
VDDCORE/VCAP
OSC2/CLKO
OSC1/CLKI
15
16
31
40
39
27 28 29 30
32
48
47
46
45
44
43
42
41
54 53 52 51
58 57 56 55
60 59
64 63 62 61
64-Pin TQFP
RB4/KBI0
RB5/KBI1
RB6/KBI2/PGC
VSS
VDD
RB7/KBI3/PGD
RC4/SDI1/SDA1
RC3/SCK1/SCL1
RC2/ECCP1/P1A
RC5/SDO1
VDDRX
TPIN+
TPIN-
VSSRX
RE1/P2C
RE0/P2D
RG4/CCP5/P1D
RF7/SS1
RB0/INT0/FLT0
RB1/INT1
RB2/INT2
RB3/INT3
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RF6/AN11
PIC18F67J60
PIC18F66J60


Similar Part No. - PIC18F66J65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F66J65 MICROCHIP-PIC18F66J65 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F66J65 MICROCHIP-PIC18F66J65 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F66J65-I/PF MICROCHIP-PIC18F66J65-I/PF Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F66J65-I/PT MICROCHIP-PIC18F66J65-I/PT Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
More results

Similar Description - PIC18F66J65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com