Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF128K16-120CQ5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WF128K16-120CQ5
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF128K16-120CQ5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WF128K16-120CQ5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF128K16-120CQ5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
3
WF128K16, WF256K16-XCX5
PRINCIPLES OF OPERATION
WRITE
Device erasure and programming are accomplished via the
command register. The contents of the register serve as input
to the internal state machine. The state machine outputs
dictate the function of the device.
The command register itself does not occupy an addressable
memory location. The register is a latch used to store the
commands, along with address and data information needed to
execute the command. The command register is written by
bringing Write-Enable to a logic-low level (VIL), while Chip-Select
is low and OE is at VIH. Addresses are latched on the falling edge
of the Write-Enable while data is latched on the rising edge of the
WE pulse. Standard microprocessor write timings are used. Refer
to AC Program characteristics, Figures 4 and 7.
TABLE 1 - BUS OPERATIONS
Operation
CS
OE
WE
A0
A1
A9
I/O
Read
L
L
H
A0
A1
A9
DOUT
Standby
H
X
X
X
X
X
HIGH Z
Output Disable
L
H
H
X
X
X
HIGH Z
Write
L
H
L
A0
A1
A9
DIN
Enable Sector Protect
L
VID
L
XXVID
X
Verify Sector Protect
L
L
H
L
H
VID
Code
The following principles of operation of the WF128K16-XCX5
and WF256K16-XCX5 are applicable to each 128K x 8 memory
chip inside the MCM. Programming of the device is accom-
plished by executing the program command sequence. The
program algorithm, which is an internal algorithm, automati-
cally times the program pulse widths and verifies proper cell
margin. Sectors can be programmed and verified in less than 0.3
seconds. Erase is accomplished by executing the erase
command sequence. The erase algorithm, which is internal,
automatically preprograms the array if it is not already
programmed before executing the erase operation. During
erase, the device automatically times the erase pulse widths
and verifies proper cell margin. The entire memory is typically
erased and verified in three seconds (including pre-program-
ming).
BUS OPERATIONS
READ
The device has two control functions, both of which must be
logically active, to obtain data at the outputs. Chip-Select (CS)
is the power control and should be used for device selection.
Output-Enable (OE) is the output control and should be used to
gate data to the output pins. Figure 3 illustrates read timing
waveforms.
OUTPUT DISABLE
With Output-Enable at a logic-high level (VIH), output from the
device is disabled. Output pins are placed in a high
impedance state.
STANDBY MODE
The device has two standby modes, a CMOS standby mode (CS
input held at VCC + 0.5V), and a TTL standby mode (CS is held
VIH). In the standby mode the outputs are in a high impedance
state, independent of the OE input.
If the device is deselected during erasure or programming, the
device will draw active current until the operation is completed.


Similar Part No. - WF128K16-120CQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5 WEDC-WF128K32N-050G2LC5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5A WEDC-WF128K32N-050G2LC5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5 WEDC-WF128K32N-050G2LI5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5A WEDC-WF128K32N-050G2LI5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results

Similar Description - WF128K16-120CQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com