Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF256K16-90CQ5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WF256K16-90CQ5
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF256K16-90CQ5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WF256K16-90CQ5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF256K16-90CQ5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
WF128K16, WF256K16-XCX5
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, WE CONTROLLED
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
50
60
70
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
0
0
00
00
ns
Write Enable Pulse Width
tWLWH
tWP
25
30
35
45
50
50
ns
Address Setup Time
tAVWL
tAS
0
0
00
00
ns
Data Setup Time
tDVWH
tDS
25
30
30
45
50
50
ns
Data Hold Time
tWHDX
tDH
0
0
00
00
ns
Address Hold Time
tWLAX
tAH
40
45
45
45
50
50
ns
Chip Select Hold Time
tWHEH
tCH
0
0
00
00
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
20
20
20
ns
Duration of Byte Programming Operation (min)
tWHWH1
14
14
14
14
14
14
µs
Chip and Sector Erase Time
tWHWH2
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
sec
Read Recovery Time Before Write
tGHWL
0
0
00
00
ns
VCC Setup Time
tVCS
50
50
50
50
50
50
µs
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
12.5
sec
Output Enable Setup Time
tOES
0
0
00
00
ns
Output Enable Hold Time (1)
tOEH
10
10
10
10
10
10
ns
1. For Toggle and Data Polling.
AC CHARACTERISTICS – READ ONLY OPERATIONS
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
50
60
70
90
120
150
ns
Address Access Time
tAVQV
tACC
50
60
70
90
120
150
ns
Chip Select Access Time
tELQV
tCE
50
60
70
90
120
150
ns
OE to Output Valid
tGLQV
tOE
25
30
35
40
50
55
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
20
20
25
30
35
ns
OE High to Output High Z (1)
tGHQZ
tDF
20
20
20
25
30
35
ns
Output Hold from Address, CS or OE Change,
tAXQX
tOH
00
0
0
0
0
ns
whichever is first
1. Guaranteed by design, not tested.


Similar Part No. - WF256K16-90CQ5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF256K32-120G4WC5 ETC1-WF256K32-120G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WI5 ETC1-WF256K32-120G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WM5 ETC1-WF256K32-120G4WM5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WC5 ETC1-WF256K32-150G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WI5 ETC1-WF256K32-150G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results

Similar Description - WF256K16-90CQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com