Electronic Components Datasheet Search |
|
EN2-3H4T Datasheet(PDF) 7 Page - NEC |
|
EN2-3H4T Datasheet(HTML) 7 Page - NEC |
7 / 12 page 7 s DIMENSIONS mm (inch) s PCB PAD LAYOUT and SCHEMATICS (bottom view) mm (inch) Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Contact Carrying Current Standard High Operate Time (Excluding bounce) Release Time (Excluding bounce) Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Coil Temperature Rise Ambient Temperature Life Expectancy Mechanical Electrical Weight Specification 1 form C Silver oxide complex alloy 50 M Ω max. (measured at 7 A) initial 30 Vdc max. 5 Vdc min. 25 A max. (at 16 Vdc) 1 A min. 25 A max. (2 minutes max.) (at 12 Vdc, 85˚C) 30 A max. (2 minutes max.) (at 12 Vdc, 85˚C) Approx. 5 ms max. (at 12 Vdc) initial Approx. 2 ms max. (at 12 Vdc) initial, without diode 0.48 W/0.64 W (at 12 Vdc) 100 M Ω min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) 50˚C/ W (Contact Carrying Current: 0 A) –40 to +85˚C (–40 to +185˚F) 106 operations 105 operations (at 14 Vdc, Motor Load 20 A/3 A) Approx. 8 g SPECIFICATIONS at 25˚C (77˚F) 14.6 ± 0.5 10.1 (0.4) 1.3 × 1.3 (0.05 × 0.05) 2-0.5 × 1.1 (0.02 × 0.04) 2- 0.6 ( 0.02) φ φ 2.65 (0.1) 4.5 (0.18) 3.5 (0.14) (0.59) 16.2 ± 0.5 (0.64) 1 23 4 5 ( 0.043) φ 2- 1.1 +0.1 –0 φ ( 0.075) φ 1.9 +0.1 –0 φ ( 0.059) φ 2- 1.5 +0.1 –0 φ |
Similar Part No. - EN2-3H4T |
|
Similar Description - EN2-3H4T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |