Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7470 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7470
Description  HDTV Continuously Variable Anti-Aliasing Filters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7470 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7470 Datasheet HTML 1Page - Maxim Integrated Products MAX7470 Datasheet HTML 2Page - Maxim Integrated Products MAX7470 Datasheet HTML 3Page - Maxim Integrated Products MAX7470 Datasheet HTML 4Page - Maxim Integrated Products MAX7470 Datasheet HTML 5Page - Maxim Integrated Products MAX7470 Datasheet HTML 6Page - Maxim Integrated Products MAX7470 Datasheet HTML 7Page - Maxim Integrated Products MAX7470 Datasheet HTML 8Page - Maxim Integrated Products MAX7470 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HDTV Continuously Variable
Anti-Aliasing Filters
4
________________________________________________________________________________________
TIMING CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP (P)
and START (S) Condition
tBUF
1.3
µs
Hold Time (Repeated) START (Sr)
Condition
tHD;STA
After this period, the first clock pulse is
generated
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Setup Time for a Repeated
START (Sr) Condition
tSU;STA
0.6
µs
Data Hold Time
tHD;DAT
(Note 5)
0.0
0.9
µs
Data Setup Time
tSU;DAT
100
ns
Rise Time of Both SDA and SCL
Signals, Receiving
tr
0
300
ns
Fall Time of Both SDA and SCL
Signals, Receiving
tf
0
300
ns
Fall Time of SDA Signal,
Transmitting
tf
(Note 6)
20 +
0.1Cb
250
ns
Setup Time for STOP (P)
Condition
tSU;STO
0.6
µs
Capacitive Load for Each Bus
Line
Cb
400
pF
Pulse Width of Spikes that Are
Suppressed by the Input Filter
tSP
(Note 7)
0
50
ns
(AVDD = +5V ±5%, DVDD = 2.7V to 3.6V, RLOAD = 150Ω to GND, CIN = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical
values are at AVDD = 5V, DVDD = 3.3V, TA = +25°C.)
Note 1: The filter passband edge is set to code 255.
Note 2: The filter passband edge is set to code 40.
Note 3: 1H is the total line period, depending on the video standard. For NTSC, this is 63.5µs; for HDTV, the line period is 29.64µs.
Note 4: The clamp level is at the sync tip for signals with sync pulses, and at the blanking level otherwise.
Note 5: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 6: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3VDD and 0.7VDD.
Note 7: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.


Similar Part No. - MAX7470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7470UTP MAXIM-MAX7470UTP Datasheet
289Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
More results

Similar Description - MAX7470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
   HDTV ANTI-ALIASING FILTER
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
   HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Frequency Devices, Inc.
D92 FREQUENCYDEVICES-D92 Datasheet
206Kb / 5P
   2 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D94 FREQUENCYDEVICES-D94 Datasheet
201Kb / 5P
   4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
   8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
logo
Faraday Technology
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
   ANTI-ALIASING PRE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com