Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11003MNZQ Datasheet(PDF) 3 Page - ITT Industries

Part # A11003MNZQ
Description  1-4 Pole Rotary Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A11003MNZQ Datasheet(HTML) 3 Page - ITT Industries

  A11003MNZQ Datasheet HTML 1Page - ITT Industries A11003MNZQ Datasheet HTML 2Page - ITT Industries A11003MNZQ Datasheet HTML 3Page - ITT Industries A11003MNZQ Datasheet HTML 4Page - ITT Industries A11003MNZQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L–5
L
C&K A Series
1-4 Pole Rotary Switches
ACTUATOR
MOUNTING STYLE
SHORTING/NON-SHORTING CONTACTS
METRIC BUSHING
PANEL MOUNTING
3/8 IN. BUSHING
PANEL MOUNTING
TYPICAL INSTALLATION
NUT
LOCKWASHER
Maximum force to
push on knob should
not exceed 10 in./lbs.
S
SHORTING CONTACTS (make-before-break)
N
NON-SHORTING CONTACTS (break-before-make)
R
3/8-32 THREAD
M
M10 x .75 METRIC
S1 SCREWDRIVER SLOT
42 1.654" METRIC
15 1.500" HIGH
14 1.500" HIGH
05 .500" HIGH
03 .375" HIGH
Install switch with stop ring (if used) and
lockwasher in back of panel. Tighten hex nut
from front of panel.
On PC mounted switches, use hex nut and
lockwasher to hold stop ring in place.
Actuation torque: 8–16 oz./in.
Maximum torque: 30 oz./in.
NOTE: ‘S’ shorting contacts are not available with A114, A124 and A214 models.
NOTE: Actuators shown in position 1, fully CCW.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - A11003MNZQ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
More results

Similar Description - A11003MNZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
767B00201 CK-COMPONENTS-767B00201 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com