Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG31 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG31
Description  PNP 5 GHz wideband transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG31 Datasheet(HTML) 7 Page - NXP Semiconductors

  BFG31 Datasheet HTML 1Page - NXP Semiconductors BFG31 Datasheet HTML 2Page - NXP Semiconductors BFG31 Datasheet HTML 3Page - NXP Semiconductors BFG31 Datasheet HTML 4Page - NXP Semiconductors BFG31 Datasheet HTML 5Page - NXP Semiconductors BFG31 Datasheet HTML 6Page - NXP Semiconductors BFG31 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1995 Sep 12
7
Philips Semiconductors
Product specification
PNP 5 GHz wideband transistor
BFG31
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - BFG31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG31 NXP-BFG31 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310-XR NXP-BFG310-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
More results

Similar Description - BFG31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT93 PHILIPS-BFT93 Datasheet
48Kb / 8P
   PNP 5 GHz wideband transistor
November 1992
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
   PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFQ149_N PHILIPS-BFQ149_N_15 Datasheet
233Kb / 7P
   PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
   PNP 5 GHz wideband transistor
September 1995
BFT93_CNV PHILIPS-BFT93_CNV_15 Datasheet
209Kb / 10P
   PNP 5 GHz wideband transistor
November 1992
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
   PNP 5 GHz wideband transistor
November 1992
BFT92_CNV PHILIPS-BFT92_CNV_15 Datasheet
208Kb / 10P
   PNP 5 GHz wideband transistor
November 1992
BFG31 PHILIPS-BFG31_15 Datasheet
228Kb / 9P
   PNP 5 GHz wideband transistor
1995 Sep 12
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
   PNP 4 GHz wideband transistor
May 1994
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
   PNP 4 GHz wideband transistor
March 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com