Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WED2DL32512V25BC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WED2DL32512V25BC
Description  512Kx32 Synchronous Pipeline Burst SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2DL32512V25BC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WED2DL32512V25BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2DL32512V25BC Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED2DL32512V
INTERLEAVED BURST TABLE (MODE = NC OR HIGH)
First Address
Second Address
Third Address
Fourth Address
External
Internal
Internal
Internal
X...X00
X...X01
X...X10
X...X11
X...X01
X....X00
X...X11
X...X10
X...X10
X...X11
X...X00
X...X01
X...X11
X...X10
X...X01
X...X00
INTERLEAVED BURST TABLE (MODE = LOW)
First Address
Second Address
Third Address
Fourth Address
External
Internal
Internal
Internal
X...X00
X...X01
X...X10
X...X11
X...X01
X....X10
X...X11
X...X00
X...X10
X...X11
X...X00
X...X01
X...X11
X...X00
X...X01
X...X10
TRUTH TABLE
Function
Address
CE
ZZ
ADSC
WRITE
OE
CLK
DQ
Used
Deselected Cycle, Power-Down
None
H
L
L
X
X
L-H
High-Z
Deselected Cycle, Power-Down
None
L
L
L
X
X
L-H
High-Z
SNOOZE MODE, Power-Down
None
X
H
X
X
X
X
High-Z
WRITE Cycle, Begin Burst
External
L
L
L
L
X
L-H
D
READ Cycle, Begin Burst
External
L
L
L
H
L
L-H
Q
READ Cycle, Begin Burst
External
L
L
L
H
H
L-H
High-Z
READ Cycle, Suspend Burst
Current
X
L
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
X
L
H
H
H
L-H
High-Z
READ Cycle, Suspend Burst
Current
H
L
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
H
L
H
H
H
L-H
High-Z
WRITE Cycle, Suspend Burst
Current
X
L
H
L
X
L-H
D
WRITE Cycle, Suspend Burst
Current
H
L
H
L
X
L-H
D
NOTES:
1. X means “Don’t Care.” —— means active LOW. H means logic HIGH. L means logic LOW.
2. For WRITE, L means any one or more byte write enable signals (BWa, BWb, BWc or BWd) and BWE are LOW.
3. BWa enables WRITEs to DQa’s and DQPa. BWb enables WRITEs to DQb’s. BWc enables WRITEs to DQc’s. BWd enables WRITEs to DQd’s.
4. All inputs except OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK.
5. Wait states are inserted by suspending burst.
6. For a WRITE operation following a READ operation, OE must be HIGH before the input data setup time and held HIGH throughout the input data hold time.
7. This device contains circuitry that will ensure the outputs will be in High-Z during power-up.


Similar Part No. - WED2DL32512V25BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V5D2 WEDC-WED2DG472512V5D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V65D2 WEDC-WED2DG472512V65D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V6D2 WEDC-WED2DG472512V6D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V7D2 WEDC-WED2DG472512V7D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
More results

Similar Description - WED2DL32512V25BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com