Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM32GS12Y-3 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM32GS12Y-3
Description  122 X 32 Dots Graphic, Small Size
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM32GS12Y-3 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM32GS12Y-3 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 10
Dimension tolerance: +/-0.3mm
Dimensional Drawing
122 X 32 Dots Graphic, Small Size
0.04
0.4
64.5
65.1±0.5
60.5
53.65
0.7
2.3
3.43
MAX 6.0
4.4
2.5
PARTS AREA
8.4
65.8±0.5
4-R1.0
2.0
2.0
62.5
BACK SIDE
(IC SIDE)
1
18
4.0
0.8
2.7
1.25
0.2
2-
∅1.0
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
6.3
V
INPUT VOLTAGE
VIN
-
6.3
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Features
Backlight................................................................EL Optional
Options...............................................Gray STN / Yellow STN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller..............................................SED1520DAA
Features
Physical Data
Module Size.......................................65.8W x 27.1H x 8.4 mm
Viewing Area Size......................................60.5W x 18.5H mm
Dot Pitch.....................................................0.44W x 0.49H mm
Dot Size......................................................0.40W x 0.45H mm
Weight.................................................................................19g
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
A
H/L
L=Instruction, H=Data
2
CS2
L
Chip select
3
CS1
L
Chip select
4
CL
H/L
External clock (2kHz)
5
RD(E)
-
RD (80 series), E (68 series)
6
WR (R/W)
-
WR (80 series), R/W (68 series)
7
VSS
0V
Ground
8
DB0
H/L
Data bus
9
DB1
H/L
10
DB2
H/L
11
DB3
H/L
12
DB4
H/L
13
DB5
H/L
14
DB6
H/L
15
DB7
H/L
16
V
DD
5V
Power supply for logic
17
RES
H/L
L=80 series, H=68 series
18
V
L
-
Operating voltage for LC
19
V
EL
-
Power supply for EL backlight
20
V
EL
-
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
0.8
VDD
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
0.2
VDD
V
POWER SUPPLY CURRENT IDD
VDD=5.0V
-
-
1.5
mA
POWER SUPPLY FOR LCD VDD-VL TA=25°C
4.5
-
6.5
V
DRIVE METHOD
1/32 DUTY
19
20
Power Supply
VDD
VL
VSS
L
C
M
+
+
VLCD
RH
RL
5V
5V
RH+RL = 10 ~ 20KΩ
HDM32GS12Y-3
SEATING PLANE
CONNECTOR INFORMATION:
CONNECTION IS VIA 1.25mm
PITCH FFC ONLY


Similar Part No. - HDM32GS12Y-3

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM32GS12Y-3 HANTRONIX-HDM32GS12Y-3_15 Datasheet
34Kb / 1P
   122 X 32 Dots Graphic, Small Size
More results

Similar Description - HDM32GS12Y-3

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM32GS12Y-3 HANTRONIX-HDM32GS12Y-3_15 Datasheet
34Kb / 1P
   122 X 32 Dots Graphic, Small Size
HDM32GS12-1 HANTRONIX-HDM32GS12-1 Datasheet
46Kb / 1P
   122 X 32 Dots Graphic
HDM32GS12_-B HANTRONIX-HDM32GS12_-B_15 Datasheet
31Kb / 1P
   122 X 32 Dots Graphic
HDM32GS12-B HANTRONIX-HDM32GS12-B Datasheet
33Kb / 1P
   122 X 32 Dots Graphic
logo
Vishay Siliconix
LCD-122G032G VISHAY-LCD-122G032G Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032A VISHAY-LCD-122G032A Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032D VISHAY-LCD-122G032D Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032C VISHAY-LCD-122G032C Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032E VISHAY-LCD-122G032E Datasheet
111Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
LCD-122G032B VISHAY-LCD-122G032B Datasheet
107Kb / 3P
   122 x 32 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com