Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT71-ATM1M30M-B0 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT71-ATM1M30M-B0
Description  CameraLink Areascan Cameras
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT71-ATM1M30M-B0 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT71-ATM1M30M-B0 Datasheet HTML 3Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 4Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 5Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 6Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 7Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 8Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 9Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 10Page - ATMEL Corporation AT71-ATM1M30M-B0 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
5429B–IMAGE–04/05
[Preliminary] ATMOS -1M60/1M30
If shutter time is set to > 0:
Readout is suspended between two consecutive frame readout and shutter output signal is acti-
vated (programmable polarity) for a time configurable within 0 to Tsh range by step of T1.
Figure 4-2.
Free-run Mode and Shutter Chronogram
The maximum frame rate of 48 frame/s for the 1M60 camera (or 24 frame/s for the 1M30 cam-
era) is given in this mode with a shutter time set to 0.
See register Aperture Shutter Time @ 246H, Internal Register Mapping on page 17.
4.1.3
Triggered Mode
Principle: An external trigger starts the reset of the sensor, then snap and readout of a frame,
the integration time is defined by readout time (+ programmable shutter time, when used).
The trigger event initiates the following sequence:
• Stop of readout frame in progress and reset of readout pointer to line 1
• Readout of previous dummy frame and integration start of the frame N. The readout data of
previous frame is not forwarded on CameraLink interface (FVAL inactive)
• Shutter output signal is activated during a time programmable within 0 to Tsh range by step
of T1
• Readout of frame N. The readout data is forwarded to the CameraLink interface (FVAL
active) starting with the first line
• Readout of dummy frames (to prevent against large dark current integration) while the
camera waits for the next trigger event
Table 4-1.
Shutter Time Values at Free-run Mode
Label
Description
1M60
1M30
Tsh
Maximum shutter time (ms)
655
1310
T1
Step duration (µs)
10
20
Line 1
Integration
(Frame N)
Readout
and Reset
Line n
Integration
(Frame N)
Frame N
Programmable
Shutter Time
Shutter
Line n Readout
and Reset
Readout Time
Readout
Frame N - 1
Time
out
Line 1


Similar Part No. - AT71-ATM1M30M-B0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT71-ATM2M30M-B0 ATMEL-AT71-ATM2M30M-B0 Datasheet
450Kb / 24P
   Camera Link Areascan Cameras
AT71-ATM2M60M-B0 ATMEL-AT71-ATM2M60M-B0 Datasheet
450Kb / 24P
   Camera Link Areascan Cameras
More results

Similar Description - AT71-ATM1M30M-B0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
2M60 ATMEL-2M60 Datasheet
450Kb / 24P
   Camera Link Areascan Cameras
logo
Sangdest Microelectroni...
SMP3030-01ETG SMC-SMP3030-01ETG Datasheet
283Kb / 5P
   Digital Cameras
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
   IP Cameras
logo
Laird Tech Smart Techno...
ET20 LSTD-ET20 Datasheet
562Kb / 2P
   CCD cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
   USB 2.0 Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
Hamamatsu Corporation
C7190 HAMAMATSU-C7190 Datasheet
123Kb / 2P
   Electron Bombardment CCD Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com