Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG197 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG197
Description  NPN 7 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG197 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG197 Datasheet HTML 3Page - NXP Semiconductors BFG197 Datasheet HTML 4Page - NXP Semiconductors BFG197 Datasheet HTML 5Page - NXP Semiconductors BFG197 Datasheet HTML 6Page - NXP Semiconductors BFG197 Datasheet HTML 7Page - NXP Semiconductors BFG197 Datasheet HTML 8Page - NXP Semiconductors BFG197 Datasheet HTML 9Page - NXP Semiconductors BFG197 Datasheet HTML 10Page - NXP Semiconductors BFG197 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1995 Sep 13
7
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG197; BFG197/X;
BFG197/XR
Zo =50 Ω.
Maximum stable gain = 23 dB.
Fig.15 Noise circle figure.
handbook, full pagewidth
0.5
1
2
5
10
0.2
0.5
1
2
5
10
+
j
j
stability
circle
0
0.2
MSG
23 dB
*
MCD163
F
= 1.7 dB
min
OPT
2 dB
4 dB
0.5
0.2
10
5
2
1
3 dB
Zo =50 Ω.
Fig.16 Noise circle figure.
handbook, full pagewidth
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
0
+ j
– j
*
Gmax
15.8 dB
*
MCD164
10
5
2
1
0.2
0.5
OPT
3 dB
F
= 2.4 dB
min
4 dB
15 dB
14 dB
5 dB


Similar Part No. - BFG197

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG19 SIEMENS-BFG19 Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
logo
Infineon Technologies A...
BFG19 INFINEON-BFG19 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-26-1999
logo
Siemens Semiconductor G...
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFG193 INFINEON-BFG193 Datasheet
59Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
logo
New Jersey Semi-Conduct...
BFG193 NJSEMI-BFG193 Datasheet
73Kb / 2P
   Silicon NPN RF Transistor
More results

Similar Description - BFG197

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG591 JMNIC-BFG591_15 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
BFG591_2015 JMNIC-BFG591_2015 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
BFQ591 JMNIC-BFQ591_15 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
List of Unclassifed Man...
BFG741 ETC1-BFG741 Datasheet
78Kb / 1P
   NPN 7 GHz WIDEBAND TRANSISTOR
logo
Quanzhou Jinmei Electro...
BFQ591_2015 JMNIC-BFQ591_2015 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
NXP Semiconductors
BFQ591 PHILIPS-BFQ591 Datasheet
72Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 PHILIPS-BFQ591 Datasheet
263Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
251Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFG591 PHILIPS-BFG591 Datasheet
106Kb / 12P
   NPN 7 GHz wideband transistor
1995 Sep 04
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
   NPN 7 GHz wideband transistor
1995 Sep 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com